Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 32Page - Texas Instruments LP5523 Datasheet HTML 33Page - Texas Instruments LP5523 Datasheet HTML 34Page - Texas Instruments LP5523 Datasheet HTML 35Page - Texas Instruments LP5523 Datasheet HTML 36Page - Texas Instruments LP5523 Datasheet HTML 37Page - Texas Instruments LP5523 Datasheet HTML 38Page - Texas Instruments LP5523 Datasheet HTML 39Page - Texas Instruments LP5523 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
LP5523
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
www.ti.com
•
74H — Bit [7] GPO
•
See description above for ENG1 MAPPING register.
•
74H — Bit [0] D9
•
See description above for ENG1 MAPPING register.
75H ENG3 MAPPING LSB
•
75H — Bit [7] D8 to Bit [0] D1
•
See description above for ENG1 MAPPING register.
76H GAIN_CHANGE_CTRL
•
With hysteresis and timer bits the user can optimize the charge pump performance to better meet the
requirements of the application at hand. Some applications need to be optimized for efficiency and others
need to be optimized for minimum EMI, for example.
•
76H - Bits[7:6] THRESHOLD
•
Threshold voltage (typ.) pre-setting. Bits set the threshold voltage at which the charge-pump gain changes
from 1.5x to 1x. The threshold voltage is defined as the voltage difference between highest voltage output (D1
to D6) and input voltage VDD: VTHRESHOLD = VDD - MAX(voltage on D1 to D6).
–
If VTHRESHOLD is larger than the set value (100 mV to 400 mV), the charge pump is in 1x mode.
–
00 = 400 mV
–
01 = 300 mV
–
10 = 200 mV
–
11 = 100 mV
NOTE
Values above are typical and should not be used as product-specification.
NOTE
Writing to threshold [7:6] bits by the user overrides factory settings. Factory settings
aren't user-accessible.
–
76H - Bit [5] ADAPTIVE_TRESH_EN
–
1 = Adaptive threshold enabled.
–
0 = Adaptive threshold disabled.
–
Gain-change hysteresis prevents the mode from toggling back and forth (1x -> 1.5x -> 1x...) , which
would cause ripple on VIN and LED flicker. When the adaptive threshold is enabled, the width of the
hysteresis region depends on the choice of threshold bits (see above), saturation of the current
sources, charge pump load current, PWM overlap and temperature.
–
76H - Bits [4:3] TIMER
–
A forced mode change from 1.5x to 1x is attempted at the interval specified with these bits. Mode change
is allowed if there is enough voltage over the LED drivers to ensure proper operation. Set FORCE_1x to
"1" (see below) to activate this feature.
–
00 = 5ms
–
01 = 10 ms
–
10 = 50 ms
–
11 = infinite. The charge pump switches gain from 1x mode to 1.5x mode only. The gain reset back to
1x is enabled under certain conditions, for example in the powersave mode.
–
76H - Bit [2] FORCE_1x
–
Activates forced mode change. In forced mode, charge pump mode change from 1.5x to 1x is attempted
at the constant interval specified with the TIMER bits.
–
1 = forced mode changes enabled.
–
0 = forced mode changes disabled.
36
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com