Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 20Page - Texas Instruments LP5523 Datasheet HTML 21Page - Texas Instruments LP5523 Datasheet HTML 22Page - Texas Instruments LP5523 Datasheet HTML 23Page - Texas Instruments LP5523 Datasheet HTML 24Page - Texas Instruments LP5523 Datasheet HTML 25Page - Texas Instruments LP5523 Datasheet HTML 26Page - Texas Instruments LP5523 Datasheet HTML 27Page - Texas Instruments LP5523 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
LP5523
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
www.ti.com
Table 3. Control Register Map (continued)
Hex
Read/
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
Write
After Reset
50
PROGRAM MEMORY
[15:8]
R/W
00000000
00H/10H/20H/30H/40H/50
51
[7:0]
R/W
00000000
H
52
PROGRAM MEMORY
[15:8]
R/W
00000000
01H/11H/21H/31H/41H/51
53
[7:0]
R/W
00000000
H
54
PROGRAM MEMORY
[15:8]
R/W
00000000
02H/12H/22H/32H/42H/52
55
[7:0]
R/W
00000000
H
56
PROGRAM MEMORY
[15:8]
R/W
00000000
03H/13H/23H/33H/43H/53
57
[7:0]
R/W
00000000
H
58
PROGRAM MEMORY
[15:8]
R/W
00000000
04H/14H/24H/34H/44H/54
59
[7:0]
R/W
00000000
H
5A
PROGRAM MEMORY
[15:8]
R/W
00000000
05H/15H/25H/35H/45H/55
5B
[7:0]
R/W
00000000
H
5C
PROGRAM MEMORY
[15:8]
R/W
00000000
06H/16H/26H/36H/46H/56
CMD
5D
[7:0]
R/W
00000000
H
Every Instruction is 16-bit width.
5E
PROGRAM MEMORY
[15:8]
R/W
00000000
The LP5523 can store 96 instructions. Each
07H/17H/27H/37H/47H/57
instruction consists of 16 bits. Because one register
5F
[7:0]
R/W
00000000
H
has only 8 bits, one instruction requires two register
addresses. In order to reduce program load time
60
PROGRAM MEMORY
[15:8]
R/W
00000000
the LP5523 supports address auto-incrementation.
08H/18H/28H/38H/48H/58
61
[7:0]
R/W
00000000
Register address is incremented after each 8 data
H
bits. Thus the whole program memory page can be
62
PROGRAM MEMORY
[15:8]
R/W
00000000
written in one serial bus write sequence.
09H/19H/29H/39H/49H/59
63
[7:0]
R/W
00000000
H
64
PROGRAM MEMORY
[15:8]
R/W
00000000
0AH/1AH/2AH/3AH/4AH/5
65
[7:0]
R/W
00000000
AH
66
PROGRAM MEMORY
[15:8]
R/W
00000000
0BH/1BH/2BH/3BH/4BH/5
67
[7:0]
R/W
00000000
BH
68
PROGRAM MEMORY
[15:8]
R/W
00000000
0CH/1CH/2CH/3CH/4CH/
69
[7:0]
R/W
00000000
5CH
6A
PROGRAM MEMORY
[15:8]
R/W
00000000
0DH/1DH/2DH/36D/46D/5
6B
[7:0]
R/W
00000000
DH
6C
PROGRAM MEMORY
[15:8]
R/W
00000000
0EH/1EH/2EH/3EH/4EH/5
6D
[7:0]
R/W
00000000
EH
6E
PROGRAM MEMORY
[15:8]
R/W
00000000
0FH/1FH/2FH/3FH/4FH/5
6F
[7:0]
R/W
00000000
FH
GPO
[7]
R
0xxxxxxx
Engine 1 mapping information, GPO pin
70
ENG1 MAPPING MSB
D9
[0]
R
xxxxxxx0
Engine 1 mapping information, D9 output
24
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com