Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 11Page - Texas Instruments LP5523 Datasheet HTML 12Page - Texas Instruments LP5523 Datasheet HTML 13Page - Texas Instruments LP5523 Datasheet HTML 14Page - Texas Instruments LP5523 Datasheet HTML 15Page - Texas Instruments LP5523 Datasheet HTML 16Page - Texas Instruments LP5523 Datasheet HTML 17Page - Texas Instruments LP5523 Datasheet HTML 18Page - Texas Instruments LP5523 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
0,0
64,0
128,0
192,0
256,0
DIMMING CONTROL (DEC)
100,0
80,0
60,0
40,0
20,0
0,0
0
64
128
192
256
100
80
60
40
20
0
LP5523
www.ti.com
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
Figure 19. Logarithmic vs Linear Dimming
Powering LEDs
The LP5523 is very suitable for white LED and general purpose applications, and it is particularly well suited to
use with RGB LEDs. The LP5523’s architecture is optimized for use with three RGB LEDs. Typically, the red
LEDs have forward voltages below 2 volts, thus red LEDs can be powered directly from VDD. In the LP5523 D7,
D8 and D9 drivers are powered from the battery voltage (VDD), not from the charge-pump output. D1 to D6
drivers are internally connected to the charge-pump output, and these outputs can be used for driving green and
blue (VF = 2.7V to 3.7V typ.) or white LEDs. Of course, D7, D8 and D9 outputs can be used for green, blue or
white LEDs if the VDD voltage is high enough.
An RGB LED configuration example is given in the Typical Applications section at the end of this document.
Controlling the High-Side LED Drivers
1. Direct PWM Control
All LP5523 LED drivers, D1 to D9, can be controlled independently through the two-wire serial I2C-compatible
interface. For each high-side driver there is a PWM control register. Direct PWM control is active by default.
2. Controlling by Program Execution Engines
Engine control is used when the user wants to create programmed sequences. The program execution engine
has a higher priority than direct control registers. Therefore, if the user has set the PWM register to a certain
value, it will be automatically overridden when the program execution engine controls the driver. LED control and
program execution engine operation is described in the section Control Register Details.
3. Master Fader Control
In addition to LED-by-LED PWM register control, the LP5523 is equipped with so-called master fader control,
which allows the user to fade in or fade out multiple LEDs by writing to only one register. This is a useful function
to minimize serial bus traffic between the MCU and the LP5523. The LP5523 has three master fader registers,
so it is possible to form three master fader groups.
I2C-Compatible Control Interface
The I2C-compatible synchronous serial interface provides access to the programmable functions and registers on
the device. This protocol uses a two-wire interface for bidirectional communications between the IC's connected
to the bus. The two interface lines are the Serial Data Line (SDA), and the Serial Clock Line (SCL). Every device
on the bus is assigned a unique address and acts as either a Master or a Slave depending on whether it
generates or receives the serial clock SCL. The SCL and SDA lines should each have a pullup resistor placed
somewhere on the line and remain HIGH even when the bus is idle. Note: CLK pin is not used for serial bus data
transfer.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com