Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 23Page - Texas Instruments LP5523 Datasheet HTML 24Page - Texas Instruments LP5523 Datasheet HTML 25Page - Texas Instruments LP5523 Datasheet HTML 26Page - Texas Instruments LP5523 Datasheet HTML 27Page - Texas Instruments LP5523 Datasheet HTML 28Page - Texas Instruments LP5523 Datasheet HTML 29Page - Texas Instruments LP5523 Datasheet HTML 30Page - Texas Instruments LP5523 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
LP5523
www.ti.com
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
–
Engine 3 program execution control. Equivalent to engine 1 control bits. Program start address can be
programmed to Program Counter (PC) register 39H.
01 ENGINE CONTROL2
•
Operation modes are defined in this register.
–
Disabled: Engines can be configured to disabled mode each one separately.
–
Load program: Writing to program memory is allowed only when the engine is in load program operation
mode and engine busy bit (reg 3A) is not set. Serial bus master should check the busy bit before writing to
program memory or allow at least 1ms delay after entering to load mode before memory write, to ensure
initalization. All the three engines are in hold while one or more engines are in load program mode. PWM
values are frozen, also. Program execution continues when all the engines are out of load program mode.
Load program mode resets the program counter of the respective engine. Load program mode can be
entered from the disabled mode only. Entering load program mode from the run program mode is not
allowed.
–
Run Program:Run program mode executes the instructions stored in the program memory. Execution
register (ENG1_EXEC etc.) bits define how the program is executed (hold, step, free run or execute
once). Program start address can be programmed to the Program Counter (PC) register. The Program
Counter is reset to zero when the PC’s upper limit value is reached.
–
Halt: Instruction execution aborts immediately and engine operation halts.
–
01 — Bit [5:4] ENGINE1_MODE
–
00 = disabled.
–
01 = load program to SRAM, reset engine 1 PC.
–
10 = run program as defined by ENGINE1_EXEC bits.
–
11 = halts the engine.
–
01 — Bits [3:2] ENGINE2_MODE
–
00 = disabled.
–
01 = load program to SRAM, reset engine 2 PC.
–
10 = run program as defined by ENGINE2_EXEC bits.
–
11 = halts the engine.
–
01 — Bits [3:2] ENGINE3_MODE
–
00 = disabled.
–
01 = load program to SRAM, reset engine 3 PC.
–
10 = run program as defined by ENGINE3_EXEC bits.
–
11 = halts the engine.
02 OUTPUT DIRECT/RATIOMETRIC MSB
•
A particular feature of the LP5523 is the ratiometric up/down dimming of the RGB-LEDs. In other words, the
LED driver PWM output will vary in a ratiometric manner. By a ratiometric approach the emitted color of an
RGB–LED remains the same regardless of the initial magnitudes of the R/G/B PWM outputs. For example, if
the PWM output of the red LED output is doubled, the output of green LED is doubled also.
–
02 — Bit [0] D9_RATIO_EN
–
1 = enables ratiometric diming for D9 output.
–
0 = disables ratiometric dimming for D9 output.
03 OUTPUT DIRECT/RATIOMETRIC LSB
•
03 — Bit [7] D8_RATIO_EN
–
1 = enables ratiometric diming for D8 output.
–
0 = disables ratiometric dimming for D8 output.
–
03 — Bit [0] D1_RATIO_EN to Bit [6] D7_RATIO_EN
–
The options for D1 output to D7 output are the same as above — see the “03 — Bit [7]” section.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com