Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 42Page - Texas Instruments LP5523 Datasheet HTML 43Page - Texas Instruments LP5523 Datasheet HTML 44Page - Texas Instruments LP5523 Datasheet HTML 45Page - Texas Instruments LP5523 Datasheet HTML 46Page - Texas Instruments LP5523 Datasheet HTML 47Page - Texas Instruments LP5523 Datasheet HTML 48Page - Texas Instruments LP5523 Datasheet HTML 49Page - Texas Instruments LP5523 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
LP5523
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
www.ti.com
Recommended External Components
The LP5523 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. Tantalum and aluminium capacitors are not recommended because of their high ESR. For
the flying capacitors (C1 and C2) multi-layer ceramic capacitors should always be used. These capacitors are
small, inexpensive and have very low equivalent series resistance (ESR < 20 m
Ω typ.). Ceramic capacitors with
X7R or X5R temperature characteristic are preferred for use with the LP5523. These capacitors have tight
capacitance tolerance (as good as ±10%) and hold their value over temperature (X7R: ±15% over
−55°C to
125°C; X5R: ±15% over
−55°C to 85°C). Capacitors with Y5V or Z5U temperature characteristic are generally
not recommended for use with the LP5523. Capacitors with these temperature characteristics typically have wide
capacitance tolerance (+80%,
−20%) and vary significantly over temperature (Y5V: +22%, −82% over −30°C to
+85°C range; Z5U: +22%,
−56% over +10°C to +85°C range). Under some conditions, a nominal 1 μF Y5V or
Z5U capacitor could have a capacitance of only 0.1
μF. Such detrimental deviation is likely to cause Y5V and
Z5U capacitors to fail to meet the minimum capacitance requirements of the LP5523.
For proper operation it is necessary to have at least 0.24 µF of effective capacitance for each of the flying
capacitors under all operating conditions. The output capacitor COUT directly affects the magnitude of the output
ripple voltage. In general, the higher the value of COUT, the lower the output ripples magnitude. For proper
operation it is recommended to have at least 0.50 µF of effective capacitance for CIN and COUT under all
operating conditions. The voltage rating of all four capacitors should be 6.3V; 10V is recommended.
Table 8 below lists recommended external components from some leading ceramic capacitor manufacturers. It is
strongly recommended that the LP5523 circuit be thoroughly evaluated early in the design-in process with the
mass-production capacitors of choice. This will help ensure that any variability in capacitance does not negatively
impact circuit performance.
Table 8. Recommended External Components
Model
Type
Vendor
Voltage Rating
Package Size
1 µF for COUT and CIN
C1005X5R1A105K
Ceramic X5R
TDK
10V
0402
LMK105BJ105KV-F
Ceramic X5R
Taiyo Yuden
10V
0402
ECJ0EB1A105M
Ceramic X5R
Panasonic
10V
0402
Ceramic X5R, array
ECJUVBPA105M
Panasonic
10V
0504
of two
470 nF for C1 and C2
C1005X5R1A474K
Ceramic X5R
TDK
10V
0402
LMK105BJ474KV-F
Ceramic X5R
Taiyo Yuden
10V
0402
ECJ0EB0J474K
Ceramic X5R
Panasonic
6.3V
0402
User defined. Note that D7, D8 and D9 outputs are powered from VDD when
LEDs
specifying the LEDs.
46
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com