Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 28Page - Texas Instruments LP5523 Datasheet HTML 29Page - Texas Instruments LP5523 Datasheet HTML 30Page - Texas Instruments LP5523 Datasheet HTML 31Page - Texas Instruments LP5523 Datasheet HTML 32Page - Texas Instruments LP5523 Datasheet HTML 33Page - Texas Instruments LP5523 Datasheet HTML 34Page - Texas Instruments LP5523 Datasheet HTML 35Page - Texas Instruments LP5523 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
LP5523
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
www.ti.com
3C VARIABLE
•
3C — Bits [7:0] VARIABLE
–
These bits are used for storing a global 8-bit variable. Variable can be used to control program flow.
3D RESET
•
3D — Bits [7:0] RESET
–
Writing 11111111 into this register resets the LP5523. Internal registers are reset to the default values.
Reading RESET register returns 00000000.
3E TEMP ADC CONTROL
•
3E — Bit [7] TEMP_MEAS_BUSY
–
1 = temperature measurement active.
–
0 = temperature measurement done or not activated.
•
3E — Bit [2] EN_TEMP_SENSOR
–
1 = enables internal temperature sensor. Every time when EN_TEMP_SENSOR is written high a new
measurement period is started. The length of the measurement period depends on temperature. At 25°C a
measurement takes 20 milliseconds. Temperature can be read from register 3F.
–
0 = temp sensor disabled.
•
3E — Bit [1] CONTINUOUS _CONV
–
This bit is effective when EN_TEMP_SENSOR = 1.
–
1 = continuous temperature measurement. Not active when the device is in power save.
–
0 = new temperature measurement period initiated during startup or after exit from power-save mode.
3E — Bit [0] SEL_EXT_TEMP
•
1 = temperature compensation source register addr 40H.
–
0 = temperature compensation source register addr 3FH.
3F TEMPERATURE READ
•
3F — Bits [7:0] TEMPERATURE
–
These bits are used for storing an 8-bit temperature reading acquired from the internal temperature
sensor. This register is a read-only register. Temperature reading is stored in 8-bit two's complement
format — see the table below.
TEMPERATURE READ bits
Temperature interpretation (typ.) °C
11010111
−41
11011000
−40
...
...
11111110
−2
11111111
−1
00000000
0
00000001
1
00000010
2
...
...
01011000
88
01011001
89
40 TEMPERATURE WRITE
•
40 — Bits [7:0] TEMPERATURE
–
These bits are used for storing an 8-bit temperature reading acquired from an external sensor, if such a
sensor is used. Temperature reading is stored in 8-bit two's complement format, like in 3F
TEMPERATURE READ register.
32
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com