Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 18Page - Texas Instruments LP5523 Datasheet HTML 19Page - Texas Instruments LP5523 Datasheet HTML 20Page - Texas Instruments LP5523 Datasheet HTML 21Page - Texas Instruments LP5523 Datasheet HTML 22Page - Texas Instruments LP5523 Datasheet HTML 23Page - Texas Instruments LP5523 Datasheet HTML 24Page - Texas Instruments LP5523 Datasheet HTML 25Page - Texas Instruments LP5523 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
LP5523
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
www.ti.com
Table 3. Control Register Map (continued)
Hex
Read/
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
Write
After Reset
LEDTEST_MEAS_DONE
[7]
R
0xxxxxxx
Indicates when the LED test measurement is done.
MASK_BUSY
[6]
R
x1xxxxxx
Mask bit for interrupts generated by
STARTUP_BUSY or ENGINE_BUSY.
STARTUP_BUSY
[5]
R
xx0xxxxx
This bit indicates that the startup sequence is
running.
ENGINE_BUSY
[4]
R
xxx0xxxx
This bit indicates that a program execution engine
3A
STATUS/INTERRUPT
is clearing internal registers.
EXT_CLK_USED
[3]
R
xxxx0xxx
Indicates when external clock signal is in use.
ENG1_INT
[2]
R
xxxxx0xx
Interrupt bit for program execution engine 1
ENG2_INT
[1]
R
xxxxxx0x
Interrupt bit for program execution engine 2
ENG3_INT
[0]
R
xxxxxxx0
Interrupt bit for program execution engine 3
INT_CONF
[2]
R/W
xxxxx0xx
INT pin can be configured to function as a GPO
with this bit
GPO
3B
GPO
[1]
R/W
xxxxxx0x
GPO pin control
INT_GPO
[0]
R/W
xxxxxxx0
GPO pin control for INT pin (when INT_CONF is set
"1")
VARIABLE
3C
VARIABLE
[7:0]
R/W
00000000
Global 8-bit variable
RESET
3D
RESET
[7:0]
R/W
00000000
Writing 11111111 into this register resets the
LP5523
TEMP_MEAS_BUSY
[7]
R
0xxxxxxx
Indicates when temperature measurement is active
EN_TEMP_SENSOR
[2]
R/W
xxxxx0xx
Reads the internal temperature sensor once
3E
TEMP ADC CONTROL
CONTINUOUS_CONV
[1]
R/W
xxxxxx0x
Continuous temperature measurement selection
SEL_EXT_TEMP
[0]
R/W
xxxxxxx0
Internal/external temperature sensor selection
TEMPERATURE
3F
TEMPERATURE READ
[7:0]
R
00011001
Bits for temperature information
TEMPERATURE
40
TEMPERATURE WRITE
[7:0]
R/W
00000000
Bits for temperature information
[7]
R/W
0xxxxxxx
EN_LED_TEST_ADC
[6]
R/W
x0xxxxxx
EN_LED_TEST_INT
CONTINUOUS_CONV
41
LED TEST CONTROL
[5]
R/W
xx0xxxxx
Continuous LED test measurement selection
LED_TEST_CTRL
[4:0]
R/W
xxx00000
Control bits for LED test
LED_TEST_ADC
42
LED TEST ADC
[7:0]
R
N/A
LED test result
43
RESERVED
[7:0]
RESERVED FOR FUTURE USE
44
RESERVED
[7:0]
RESERVED FOR FUTURE USE
45
ENGINE1 VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE1
22
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com