Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 35 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 31Page - Semtech Corporation GS2965 Datasheet HTML 32Page - Semtech Corporation GS2965 Datasheet HTML 33Page - Semtech Corporation GS2965 Datasheet HTML 34Page - Semtech Corporation GS2965 Datasheet HTML 35Page - Semtech Corporation GS2965 Datasheet HTML 36Page - Semtech Corporation GS2965 Datasheet HTML 37Page - Semtech Corporation GS2965 Datasheet HTML 38Page - Semtech Corporation GS2965 Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
35 of 41
Proprietary & Confidential
PIN_OR_1
0x0C
15:13
RW
Unused
0x0
0 or 1
−
12
RW
DATA/CLOCK
0x0
0 or 1
−
11
RW
DDO1_DISABLE
0x0
0 or 1
−
10
RW
DATA_MUTE
0x0
0 or 1
−
9:8
RW
KBB
0x0
0x0,
0x2 or
0x3
Equivalent
settings:
0x0 = KBB to
ground
0x2 = KBB
floating
0x3 = KBB to VCC
7RW
SS10x0
0 or 1
−
6RW
SS00x0
0 or 1
−
5
RW
AUTO/MAN
0x0
0 or 1
−
4
RW
AUTOBYPASS
0x0
0 or 1
−
3RW
BYPASS
0x0
0 or 1
−
2
RW
DDI_SEL1
0x0
0 or 1
-See Table 4-3 for
valid values
1
RW
DDI_SEL0
0x0
0 or 1
0
RW
Pin Override Enable
0x0
0 or 1
When enabled,
input values will
be taken from this
register instead of
package pins
STATUS_1
0X0D
15:4
RO
Reserved.
−−
−
3RO
SD/HD
−−
−
2RO
LOCKED
−−
−
1RO
SS1
−−
−
0RO
SS0
−−
−
0X0E to 0X11
Reserved.
Table 4-12: Host Register Map (Continued)
Register
Name
Register
Address
Bit
Position
Access
Function
Default
Value
Valid
Range
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com