Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 26 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 22Page - Semtech Corporation GS2965 Datasheet HTML 23Page - Semtech Corporation GS2965 Datasheet HTML 24Page - Semtech Corporation GS2965 Datasheet HTML 25Page - Semtech Corporation GS2965 Datasheet HTML 26Page - Semtech Corporation GS2965 Datasheet HTML 27Page - Semtech Corporation GS2965 Datasheet HTML 28Page - Semtech Corporation GS2965 Datasheet HTML 29Page - Semtech Corporation GS2965 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
26 of 41
Proprietary & Confidential
4.15.6 Write Operation - Single Device
A Write operation consists of a 16-bit command word and a 16-bit data word, followed
by 32 cycles with the slave SDI held HIGH. When writing to a single non-daisy chained
device, the following format should be used:
Figure 4-6: Single Device Write
1. At power-up, the device should be reset by setting the R bit LOW. A simple way to
accomplish a reset is to hold the slave SDI line LOW for an entire 64 cycle
communication.
2. For a Write operation, the r/w bit should be set to 0.
3. The 2nd and 3rd bits are reserved, and should be set to 0.
4. The R bit should always be set HIGH for a normal Write operation.
5. Refer to the Register Map for information on Address and Data bits.
6. The slave SDI line should be held HIGH for 32 cycles before de-asserting CS.
Command’ [15:0]
Data [15:0]
MOSI
Command [15:0]
Data High 32 cycles
CS
rw
A[4:0]
R
0
0
R/W
Reset
Address
C[6:0] = 0
Chain Position
16 bit command
Data [15:0]
Command [15:0]
Data [15:0]
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com