Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 27 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 23Page - Semtech Corporation GS2965 Datasheet HTML 24Page - Semtech Corporation GS2965 Datasheet HTML 25Page - Semtech Corporation GS2965 Datasheet HTML 26Page - Semtech Corporation GS2965 Datasheet HTML 27Page - Semtech Corporation GS2965 Datasheet HTML 28Page - Semtech Corporation GS2965 Datasheet HTML 29Page - Semtech Corporation GS2965 Datasheet HTML 30Page - Semtech Corporation GS2965 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
27 of 41
Proprietary & Confidential
4.15.7 Read Operation - Single Device
For Reading from a device the following format should be used:
Figure 4-7: Single Device Read
1. For a Read operation, the r/w bit should be set to 1.
2. The 2nd and 3rd bits are reserved and should be set to 0.
3. The R bit should always be set HIGH for a normal Read Operation.
4. Data Out at the slave SDO will appear after holding the slave SDI line HIGH for 32
cycles.
5. The 16-bit data is now available on the slave SDO line.
Detailed timing diagrams for Write and Read can be seen in Figure 4-8 and Figure 4-9.
MOSI
MISO
Command [15:0]
Data [15:0]
Command’ [15:0]
Data High 16 cycles
CS
rw
A[4:0]
R
0
0
R/W
Reset
Address
C[6:0] = 0
Chain Position
16 bit command
Data High 16 cycles
Data High 16 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com