Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 24 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 20Page - Semtech Corporation GS2965 Datasheet HTML 21Page - Semtech Corporation GS2965 Datasheet HTML 22Page - Semtech Corporation GS2965 Datasheet HTML 23Page - Semtech Corporation GS2965 Datasheet HTML 24Page - Semtech Corporation GS2965 Datasheet HTML 25Page - Semtech Corporation GS2965 Datasheet HTML 26Page - Semtech Corporation GS2965 Datasheet HTML 27Page - Semtech Corporation GS2965 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
24 of 41
Proprietary & Confidential
4.15 Host Interface
4.15.1 Introduction
The GS2965 offers a Serial Peripheral Interface (SPI) to access advanced features and
programmability. The polarity of the HIF pin tells the GS2965 whether or not the host
interface is active (HIF = 0) or in legacy mode (HIF = 1).
Using the host interface, it is possible to override the control pin settings, and such
settings will persist until the device has been powered-down and/or reset. The host
interface is capable of reading hard-wired pin configuration, pin override settings and
the values of all status monitoring pins.
There is an optional 3-state feature available in the Control Status Registers (CSR) that
puts the SPI SDO to high-impedance when it’s not being used (Register: TOP_1, bit: 2).
The maximum operating speed of the SPI is 10MHz.
4.15.2 Legacy Mode & Start-up
In legacy mode, basic configuration of the device (including a subset of equalizer and
de-emphasis settings) are available at the pin level. In this mode, register settings are
automatically set to default so that the GS2965 is live at power-up.
4.15.3 Host Interface Mode & Start-up
In host interface mode, the user gains access to Control and Status Registers (CSRs) that
manage advanced features. In this mode, equalizer and de-emphasis settings are set
through the CSR.
The SPI control port is functional at start-up without the need for a separate, external
reset signal. However, all internal registers must be set to their default state by issuing a
required Reset Command via the SPI.
This is done by setting the R bit (reset) LOW in the command word. This will guarantee
the CSR will not start up in a random state.
A simple way to issue the required reset of the CSR is to hold the slave device’s SDI input
LOW for an entire 64 cycle WRITE communication. Details of the WRITE operation are
found in section 4.15.6 below.
4.15.4 Clock & Data Timing
The SPI signals are Serial Data Input (SDI), Serial Data Output (SDO), active-low Chip
Select (CS), and Serial Clock Input (SCK). The host interface operates in SPI Mode 0, i.e.
10
X
DATA
Power down
00
X
MUTE
Power down
Table 4-10: Configuration of GS2965 Output Drivers and Mute/Disable Pins
DATA_MUTE
DDO1_DISABLE
DATA/CLOCK
DDO0
DDO1/RCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com