Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 2Page - Semtech Corporation GS2965 Datasheet HTML 3Page - Semtech Corporation GS2965 Datasheet HTML 4Page - Semtech Corporation GS2965 Datasheet HTML 5Page - Semtech Corporation GS2965 Datasheet HTML 6Page - Semtech Corporation GS2965 Datasheet HTML 7Page - Semtech Corporation GS2965 Datasheet HTML 8Page - Semtech Corporation GS2965 Datasheet HTML 9Page - Semtech Corporation GS2965 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
6 of 41
Proprietary & Confidential
1.2 Pin Descriptions
Table 1-1: GS2965 Pin Descriptions
Pin Number
Name
Type
Description
1
LF+
Passive
Loop Filter capacitor connection. (CLF = 47nF). Connect as shown in Typical
Application Circuit on page 37.
2
CP_CAP
Power
External capacitor for internal LDO regulator supplying the charge pump
circuit.
3, 5
DDI0, DDI0
Input
Serial Digital Differential Input 0.
4HIF
Logic Input
Host interface selection pin. Active-low input. See Section 4.15.1.
6, 7
DDI1, DDI1
Input
Serial Digital Differential Input 1.
8RSVD
Reserved
Reserved pin. Do not connect to this pin.
9VCC_VCOPower
Most positive power supply connection for the internal
VCO section. Connect to a 3.3V supply with a 422
Ω resistor, or a 2.5V
supply with a 267
Ω resistor.
10
VEE_VCOPower
Most negative power supply connection for the internal
VCO section. Connect to GND.
11
VDD_1P8
Power
External capacitor for internal 1.8V digital supply.
12
LOCKED
Output
Lock Detect status signal. HIGH when the PLL is locked.
13
LOS
Output
Loss Of Signal status. HIGH when the input signal is invalid.
14
VDD_DIG
Power
Most positive power supply connection for the digital core.
Connect to 3.3V or 2.5V.
15
VSS_DIG
Power
Most negative power supply for the digital core.
Connect to GND.
16
SD/HD
Output
This signal will be LOW for all rates other than 270Mb/s.
This signal is HIGH for 270Mb/s.
17, 18
DDO1/RCO,
DDO1/RCO
Output
Differential serial clock or data outputs.
19
VCC_DDO1
Power
Most positive power supply connection for the DDO1/DDO1 output driver.
Connect to 3.3V or 2.5V.
20
VEE_DDO1
Power
Most negative power supply connection for the DDO1/DDO1 output
driver. Connect to GND.
21, 22
DDO0, DDO0
Output
Differential Serial Digital Outputs.
23
VCC_DDO0
Power
Most positive power supply connection for the DDO0/DDO0 output driver.
Connect to 3.3V or 2.5V.
24
VEE_DDO0
Power
Most negative power supply connection for the DDO0/DDO0 output
driver.
Connect to GND.
25
XTAL+
Output
Reference crystal output.
26
XTAL-
Input
Reference crystal input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com