Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 1 Page - Semtech Corporation

  GS2965 Datasheet HTML 1Page - Semtech Corporation GS2965 Datasheet HTML 2Page - Semtech Corporation GS2965 Datasheet HTML 3Page - Semtech Corporation GS2965 Datasheet HTML 4Page - Semtech Corporation GS2965 Datasheet HTML 5Page - Semtech Corporation GS2965 Datasheet HTML 6Page - Semtech Corporation GS2965 Datasheet HTML 7Page - Semtech Corporation GS2965 Datasheet HTML 8Page - Semtech Corporation GS2965 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1 of 41
Proprietary & Confidential
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2965
www.semtech.com
Features
• SMPTE 424M, SMPTE 292M and SMPTE 259M-C
compliant
• Supports DVB-ASI at 270Mb/s
• Single supply operation at 3.3V or 2.5V
• 180mW typical power consumption (213mW with
RCO enabled) at 2.5V
• Input signal equalization and output-signal
de-emphasis settings to compensate for board-trace
dielectric losses
• 2:1 input multiplexer patented technology
• Choice of dual reclocked data outputs or one reclocked
data output and one clock output
• Uses standard 27MHz crystal
• Differential inputs and outputs
support DC coupling to industry-standard
differential logic
on-chip 100Ω differential data input/output
termination
selectable 400mVppd or 800mVppd output swing
on each output
seamless interface to other Gennum products
• 4 wire SPI host interface for device configuration and
monitoring
• Standard logic control and status signal levels
• Auto and Manual modes for rate selection
• Standards indication in Auto mode
•Lock Detect Output
• Mute, Bypass and Autobypass functions
•SD/HD indication output to control GS2978 or GS2988
dual slew-rate cable drivers
• Operating temperature range: -40°C to +85°C
• 32 pin 5mm x 5mm QFN package
• Pb-free and RoHS compliant
Applications
• SMPTE 424M, SMPTE 292M and SMPTE 259M-C
coaxial cable serial digital interfaces
Description
The GS2965 is a multi-rate serial digital reclocker designed
to automatically recover the embedded clock from a digital
video signal and retime the incoming video data. It will
recover the embedded clock signal and retime the data
from a SMPTE 424M, SMPTE 292M, or SMPTE 259M-C
compliant digital video signal.
A serial host interface provides the ability to configure and
monitor multiple GS2965 devices in a daisy-chain
configuration.
Adjustable input trace equalization (EQ) for up to 40” of FR4
trace losses, and adjustable output de-emphasis (DE) for up
to 20” of FR4 trace losses, can be configured via the host
interface.
The GS2965 can operate in either auto or manual rate
selection mode. In Auto mode, the device will
automatically detect and lock onto incoming SMPTE SDI
data signals at any supported rate. For single rate data
systems, the GS2965 can be configured to operate in
Manual mode. In both modes, the device requires only one
external crystal to set the VCO frequency when not locked
and provides adjustment free operation.
The GS2965 accepts industry-standard differential input
levels including LVPECL and CML. The differential data
and clock outputs feature selectable output swing via the
host interface, ensuring compatibility with most
industry-standard, terminated differential receivers.
The GS2965 features dual differential outputs. The second
output can be configured to emit either the recovered clock
signal or the re-timed video data. This output can also be
disabled to save power.
In systems which require passing of non-SMPTE data rates,
the GS2965 can be configured to either automatically or
manually enter a bypass mode in order to pass the signal
without reclocking.
The GS2965 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant. This
component and all homogeneous sub-components are
RoHS compliant.


Similar Part No. - GS2965

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
Uses standard 27MHz crystal
More results

Similar Description - GS2965

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
HD-LINX II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2986 SEMTECH-GS2986 Datasheet
3Mb / 41P
Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com