Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 16 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 12Page - Semtech Corporation GS2965 Datasheet HTML 13Page - Semtech Corporation GS2965 Datasheet HTML 14Page - Semtech Corporation GS2965 Datasheet HTML 15Page - Semtech Corporation GS2965 Datasheet HTML 16Page - Semtech Corporation GS2965 Datasheet HTML 17Page - Semtech Corporation GS2965 Datasheet HTML 18Page - Semtech Corporation GS2965 Datasheet HTML 19Page - Semtech Corporation GS2965 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
16 of 41
Proprietary & Confidential
4. Detailed Description
The GS2965 is a multi-standard reclocker for serial digital SDTV signals operating at
270Mb/s, and HDTV signals operating at 1.485Gb/s, 1.485/1.001Gb/s, 2.97Gb/s and
2.97/1.001Gb/s.
4.1 Serial Data Input
The GS2965 features two differential input buffers.
The serial data input signal is connected to the DDI0/DDI0 and DDI1/DDI1 input pins of
the device.
Input signals can be single-ended or differential, DC or AC-coupled.
The input circuit is self-biasing, to allow for simple AC or DC-coupling of input signals to
the device.
The serial digital data inputs are also compatible when DC-coupled with LVPECL or
CML differential outputs from crosspoint switches which operate from 3.3V or 2.5V
supplies. This includes but is not limited to: GS2974A, GS2974B, and GS2984 equalizers.
4.2 Modes of Operation
The GS2965 has two modes of operation: Legacy Mode (HIF = HIGH) and SPI Mode (HIF
= LOW).
In Legacy Mode, chip functions are controlled via pins only, and offers limited control of
input equalization.
In SPI mode, access is gained to extended digital controls like: Bypass, Autobypass,
Auto/Manual selection, Control status inputs or outputs, changes to KBB settings,
additional EQ and DE settings as well as access to additional features such as LOS
adjustment, polarity invert, auto-mute, etc.
4.3 Input Trace Equalization
The GS2965 features adjustable trace equalization to compensate for PCB trace
dielectric losses at 1.5GHz.
The trace equalization has three peak-gain settings. The maximum peak gain value is
optimized for compensating the high-frequency losses associated with 25 inches of
5-mil stripline in FR4 material. For boards with different striplines or materials, users
can experiment to find the EQ setting which optimizes their system performance.
These settings are accessible via the serial host interface.
Each serial digital input, DDI, DDI, includes a pin EQn_EN to turn its trace equalizer on
or off. When a pin EQn_EN is tied LOW or left unconnected, the trace equalization for
input n is set to the Low Range.
When an EQn_EN pin is tied HIGH, and input n is selected, the trace equalization for
input n is set to the Medium Range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com