Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 29 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 25Page - Semtech Corporation GS2965 Datasheet HTML 26Page - Semtech Corporation GS2965 Datasheet HTML 27Page - Semtech Corporation GS2965 Datasheet HTML 28Page - Semtech Corporation GS2965 Datasheet HTML 29Page - Semtech Corporation GS2965 Datasheet HTML 30Page - Semtech Corporation GS2965 Datasheet HTML 31Page - Semtech Corporation GS2965 Datasheet HTML 32Page - Semtech Corporation GS2965 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
29 of 41
Proprietary & Confidential
4.15.8 Daisy Chain Operation
For applications with multiple GS2965 devices, it is possible to daisy-chain up to 127
parts in serial. In this configuration, the first device SDI should be connected to the SPI
Master SDO. The serial data output of each device is then connected to the serial data
input of the following device, and so on. The last device's SDO connects to the Master's
SDI. Connecting devices in serial reduces the number of I/O ports required by the master
by removing the need for additional chip select lines.
Figure 4-10: Daisy Chained SPI Bus
The position of each GS2965 device in the serial chain is referred to as its Chain Position,
with 0 corresponding to the first device. The Chain Position in the SPI command word is
decoded by each slave to know which device the master is talking to.
Each GS2965 slave is designed to output a replica of what it receives at its input after a
delay of 32 cycles. The Chain Position part of the command is decremented by one in the
duplicated command word at the output. Each device in the chain will only execute the
issued command if it verifies that the current chain position is set to 0.
Figure 4-11: Chain Position Decoding
SPI
Master
SCK
SDO
SDI
CS
SPI
Slave
SCK
SDI
SDO
CS
SCK
SDI
SDO
CS
SCK
SDI
SDO
CS
SPI
Slave
SPI
Slave
Chain Position 0
Chain Position 1
Chain Position 2
GS2965
SDI
SDO
Chain Position
-1
A[4:0]
Chain Position
A[4:0]
C[6:0]=N
32 cycles
GS2965
SDI
SDO
Chain Position
-2
32 cycles
C[6:0]=N-1
C[6:0]=N-2
A[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com