Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 25 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 21Page - Semtech Corporation GS2965 Datasheet HTML 22Page - Semtech Corporation GS2965 Datasheet HTML 23Page - Semtech Corporation GS2965 Datasheet HTML 24Page - Semtech Corporation GS2965 Datasheet HTML 25Page - Semtech Corporation GS2965 Datasheet HTML 26Page - Semtech Corporation GS2965 Datasheet HTML 27Page - Semtech Corporation GS2965 Datasheet HTML 28Page - Semtech Corporation GS2965 Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
25 of 41
Proprietary & Confidential
the SDI input will latch data in on the rising edge of SCK. The SDO data output will
transition on falling edges of SCK. Data is transmitted or received on the SPI port MSB
first LSB last.
Figure 4-4: Data Clock Alignment
4.15.5 Single Device Operation
For applications with a single device or applications with multiple devices where daisy
chaining is not desired, the chain position bits C[6:0] should always be set to 0. As a
by-product of the daisy chaining feature, Read and Write operations experience a 32
SCK cycle latency from SDI to SDO. For more details on daisy-chaining, refer to
Section 4.15.8 on page 29.
Figure 4-5: 16-bit Command Format
SCK
CS
Cycle #
1
2
3
4
5
6
7
8
SDO
1
2
3
4
5
6
7
8
z
z
1
2
3
4
5
6
7
8
z
z
SDI
rw
A[4:0]
R
0
0
Read/
Write
Reset
Address
C N[6:0] = `0000000’
Chain Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com