Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 8Page - Semtech Corporation GS2965 Datasheet HTML 9Page - Semtech Corporation GS2965 Datasheet HTML 10Page - Semtech Corporation GS2965 Datasheet HTML 11Page - Semtech Corporation GS2965 Datasheet HTML 12Page - Semtech Corporation GS2965 Datasheet HTML 13Page - Semtech Corporation GS2965 Datasheet HTML 14Page - Semtech Corporation GS2965 Datasheet HTML 15Page - Semtech Corporation GS2965 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
12 of 41
Proprietary & Confidential
Power Supply Noise Rejection
−
50 - 100Hz
−
100
−
mVp-p
−
100Hz - 10MHz
−
40
−
mVp-p
−
10MHz - 1.485GHz
−
10
−
mVp-p
−
Table 2-2: AC Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com