Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 20 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 16Page - Semtech Corporation GS2965 Datasheet HTML 17Page - Semtech Corporation GS2965 Datasheet HTML 18Page - Semtech Corporation GS2965 Datasheet HTML 19Page - Semtech Corporation GS2965 Datasheet HTML 20Page - Semtech Corporation GS2965 Datasheet HTML 21Page - Semtech Corporation GS2965 Datasheet HTML 22Page - Semtech Corporation GS2965 Datasheet HTML 23Page - Semtech Corporation GS2965 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
20 of 41
Proprietary & Confidential
4.8.1 Lock Detect and Asynchronous Lock
The reference crystal is used to assist the PLL in achieving a short lock time. The lock
detection algorithm is a continuous process, which begins at device power up or after a
system reset, and continues until the device is powered down.
The asynchronous lock time is defined as the time it takes the device to lock when a
video signal is first applied to the serial digital inputs, or when the digital video signal
rate changes.
The synchronous lock time is defined as the time it takes the device to lock to a signal
which has been momentarily interrupted.
4.9 Serial Data Output
The GS2965 features two current-mode differential output drivers, each capable of
driving a maximum of 800mVpp, differential, into an external 100Ω differential load.
Each of the GS2965's output buffers include two on-chip, 50Ω termination resistors.
4.9.1 Output Signal Interface Levels
The serial digital outputs of the GS2965 are compatible when DC-coupled with all
Gennum serial digital interface products that feature a differential LVPECL or CML
receiver designed for SDI applications and operate from 3.3V or 2.5V supplies. This
includes but is not limited to: GS2978, GS2988, and GS2989.
The serial digital data inputs are also compatible when DC-coupled with LVPECL or
CML differential outputs from crosspoint switches which operate from 3.3V or 2.5V
supplies. This includes but is not limited to: GS2974A, GS2974B, and GS2984 equalizers.
4.9.2 Adjustable Output Swing
It is possible, via the host interface, to force the output swing to 400mVpp or 800mVpp
differential, when the outputs are terminated with 50Ω loads.
The default output swing upon power-up is 400mVpp differential.
4.9.3 Output De-emphasis
The GS2965 features adjustable output de-emphasis to compensate for PCB trace
dielectric losses.
The output de-emphasis has eight settings, evenly distributed from a minimum of 0dB
(output de-emphasis OFF) to a peak de-emphasis setting that is optimized for
compensating the high-frequency losses associated with approximately 20 inches of
5-mil stripline in FR4 material. These settings are accessible via the serial host interface.
The action of the de-emphasis settings is to attenuate the trailing edge of the output data
waveform relative to the output swings set through the host interface.
De-emphasis is turned OFF when in Bypass mode.
The default de-emphasis setting upon power-up is 0dB (OFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com