Electronic Components Datasheet Search
  English  ▼

X  

GS2965 Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 18Page - Semtech Corporation GS2965 Datasheet HTML 19Page - Semtech Corporation GS2965 Datasheet HTML 20Page - Semtech Corporation GS2965 Datasheet HTML 21Page - Semtech Corporation GS2965 Datasheet HTML 22Page - Semtech Corporation GS2965 Datasheet HTML 23Page - Semtech Corporation GS2965 Datasheet HTML 24Page - Semtech Corporation GS2965 Datasheet HTML 25Page - Semtech Corporation GS2965 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
22 of 41
Proprietary & Confidential
Figure 4-3: GS2965 Automatic Mode Search Algorithm
In MANUAL mode, the SS[1:0] registers become read or write accessible, and the data
rate can be programmed. In this mode, the search algorithm is disabled and the GS2965's
PLL will only lock to the data rate selected in accordance with Table 4-8.
4.11 SD/HD Indication
The SD/HD signal indicates the output data rate of the device and can be connected to
the SD/HD input pin of dual slew rate cable drivers such as the GS2988.
When this signal is HIGH, the data rate is 270Mb/s. This signal is LOW for all other data
rates.
This signal is also LOW when the device is operating in bypass mode (Auto-bypass and
User-bypass).
The SD/HD signal is LOW when the device is not locked.
4.12 Bypass Mode
In bypass mode, the GS2965 passes the data at the inputs, directly to the output. There
are two register bits that control the bypass function: BYPASS and AUTOBYPASS.
The BYPASS bit is an active-high signal which forces the GS2965 into bypass mode for
as long as the bit is asserted HIGH.
The AUTOBYPASS bit is an active-high signal that places the GS2965 into bypass mode
only when the PLL has not locked to a data rate.
Table 4-8: Data Rate Indication/Selection Bit Pattern
SS[1:0]
Data Rate (Mb/s)
0Reserved
1
270
2
1485 or 1485/1.001
3
2970 or 2970/1.001
Power up
270Mb/s
1485Mb/s
2970Mb/s
*Note: the search algorithm does not necessarily begin with 270Mb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com