Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 2Page - Texas Instruments TAS5026 Datasheet HTML 3Page - Texas Instruments TAS5026 Datasheet HTML 4Page - Texas Instruments TAS5026 Datasheet HTML 5Page - Texas Instruments TAS5026 Datasheet HTML 6Page - Texas Instruments TAS5026 Datasheet HTML 7Page - Texas Instruments TAS5026 Datasheet HTML 8Page - Texas Instruments TAS5026 Datasheet HTML 9Page - Texas Instruments TAS5026 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Introduction
1
SLES041B—November 2002
TAS5026
1
Introduction
The TAS5026 is an innovative, cost-effective, high-performance 24-bit six-channel digital pulse width
modulator (PWM) based on Equibit
 technology. Combined with a TI digital amplifier power stage, these
devices use noise-shaping and sophisticated error correction algorithms to achieve high power efficiency and
high-performance digital audio reproduction. The TAS5026 is designed to drive up to six digital power devices
to provide six channels of digital audio amplification. The digital power devices can be six conventional
monolithic power stages (such as TAS5110) or six discrete differential power stages using gate drivers and
MOSFETs.
The TAS5026 has six independent volume controls and mute. It is designed to drive a digital amplifier power
stage (such as the TAS5182) in an H-bridge (bridge tied load) configuration. The device operates in AD mode.
This all-digital audio system contains only two analog components in the signal chain—an LC low-pass filter
at each speaker terminal and can provide up to 96-dB SNR at the speaker terminals. The TAS5026 has a wide
variety of serial input options including right justified (16, 20, or 24 bit), I2S (16, 20, or 24 bit) left justified, or
DSP (16-bit) data formats. The device is fully compatible with AES standard sampling rates of 44.1 kHz, 48
kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz including de-emphasis for 44.1-kHz and 48-kHz sample rates.
The TAS5026 was designed for home theater applications such as DVD minicomponent systems, home
theater in a box (HTIB), DVD receiver, A/V receiver, or TV sets.
1.1
Features
•
True Digital Audio Amplifier
•
High Quality Audio
–
96-dB SNR
–
<0.1% THD+N
•
Six-Channel Volume Control
–
Patented Soft Volume
–
Patented Soft Mute
•
16-, 20-, or 24-Bit Input Data
•
Sampling Rates: 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz
•
Supports Master and Slave Modes
•
3.3-V Power Supply Operation
•
Economical 64-Pin TQFP Package
•
Digital De-Emphasis: 32 kHz, 44.1 kHz, and 48 kHz
•
High Power Efficiency
•
Clock Oscillator Circuit for Master Modes
•
Low Jitter Internal PLL
•
Soft Volume and Mute Update
•
Excellent PSRR
Equibit is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com