Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 6Page - Texas Instruments TAS5026 Datasheet HTML 7Page - Texas Instruments TAS5026 Datasheet HTML 8Page - Texas Instruments TAS5026 Datasheet HTML 9Page - Texas Instruments TAS5026 Datasheet HTML 10Page - Texas Instruments TAS5026 Datasheet HTML 11Page - Texas Instruments TAS5026 Datasheet HTML 12Page - Texas Instruments TAS5026 Datasheet HTML 13Page - Texas Instruments TAS5026 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Introduction
5
SLES041B—November 2002
TAS5026
TERMINAL
DESCRIPTION
I/O
NAME
DESCRIPTION
I/O
NO.
MUTE
11
I
Mute input signal, active low
NC
1, 7,
27, 49,
50
No connection
PDN
12
I
Power down. This signal is active low.
PLL_FLT_OUT
4
I
PLL external filter
PLL_FLT_RET
5
I
PLL external filter
PWM_AM_1
58
O
PWM 1 output (differential -); {Positive H-bridge side}
PWM_AM_2
55
O
PWM 2 output (differential -); {Positive H-bridge side}
PWM_AM_3
52
O
PWM 3 output (differential -); {Positive H-bridge side}
PWM_AM_4
42
O
PWM 4 output (differential -); {Positive H-bridge side}
PWM_AM_5
39
O
PWM 5 output (differential -); {Positive H-bridge side}
PWM_AM_6
36
O
PWM 6 output (differential -); {Positive H-bridge side}
PWM_AP_1
59
O
PWM 1 output (differential +); {Positive H-bridge side}
PWM_AP_2
56
O
PWM 2 output (differential +); {Positive H-bridge side}
PWM_AP_3
53
O
PWM 3 output (differential +); {Positive H-bridge side}
PWM_AP_4
43
O
PWM 4 output (differential +); {Positive H-bridge side}
PWM_AP_5
40
O
PWM 5 output (differential +); {Positive H-bridge side}
PWM_AP_6
37
O
PWM 6 output (differential +); {Positive H-bridge side}
RST
9
I
System reset input. This signal is an active low.
SCL
14
I
I2C clock signal
SCLK
23
I/O
Serial audio data clock (master mode = output, slave mode = input)
SDA
13
I/O
I2C data signal
SDIN1
19
I
Serial audio data 1 input
SDIN2
20
I
Serial audio data 2 input
SDIN3
21
I
Serial audio data 3 input
VALID_1
57
O
Output indicating validity of PWM outputs, channel 1, active high
VALID_2
54
O
Output indicating validity of PWM outputs, channel 2, active high
VALID_3
51
O
Output indicating validity of PWM outputs, channel 3, active high
VALID_4
41
O
Output indicating validity of PWM outputs, channel 4, active high
VALID_5
38
O
Output indicating validity of PWM outputs, channel 5, active high
VALID_6
35
O
Output indicating validity of PWM outputs, channel 6, active high
XTL_IN
63
AIN
Crystal or TTL level clock input
XTL_OUT
62
AOUT
Crystal output (not for external usage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com