Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 28Page - Texas Instruments TAS5026 Datasheet HTML 29Page - Texas Instruments TAS5026 Datasheet HTML 30Page - Texas Instruments TAS5026 Datasheet HTML 31Page - Texas Instruments TAS5026 Datasheet HTML 32Page - Texas Instruments TAS5026 Datasheet HTML 33Page - Texas Instruments TAS5026 Datasheet HTML 34Page - Texas Instruments TAS5026 Datasheet HTML 35Page - Texas Instruments TAS5026 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Serial Control Interface Register Definitions
27
SLES041B—November 2002
TAS5026
3.7
DC-Offset Control Registers (x06–x0B)
Channels 1, 2, 3, 4, 5, and 6 are mapped into (x06, x07, x08, x09, x0A, and x0B).
Table 3–8. DC-Offset Control Registers
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
0
0
0
0
0
0
0
Maximum correction for positive dc offset (–1.56% FS)
0
0
0
0
0
0
0
0
No dc-offset correction
0
1
1
1
1
1
1
1
Maximum correction for negative dc offset (1.56% FS)
3.8
Interchannel Delay Registers (x0C–x11)
Channels 1, 2, 3, 4, 5, and 6 are mapped into (x0C, x0D, x0E, x0F, x10, and x11).
The first channel delay is set at 0. Each subsequent channel has a default value that is 76 DCLKs larger than
the preceding channel.
Table 3–9. Six Inter-Channel Delay Registers
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
Minimum absolute delay, 0 DCLK cycles, default for channel 1
0
0
0
1
0
0
0
0
Default for channel 2
0
0
1
0
0
0
0
0
Default for channel 3
0
0
1
1
0
0
0
0
Default for channel 4
0
1
0
0
0
0
0
0
Default for channel 5
0
1
0
1
0
0
0
0
Default for channel 6
1
1
1
1
1
1
1
1
Maximum absolute delay, 255 DCLK cycles
3.9
Individual Channel Mute Register (x19)
Table 3–10. Individual Channel Mute Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
1
-
-
-
-
-
-
Unused
-
-
-
-
-
-
-
-
-
-
1
1
1
1
1
1
No channels are muted
-
-
-
-
-
-
-
0
Mute channel 1
-
-
-
-
-
-
0
-
Mute channel 2
-
-
-
-
-
0
-
-
Mute channel 3
-
-
-
-
0
-
-
-
Mute channel 4
-
-
-
0
-
-
-
-
Mute channel 5
-
-
0
-
-
-
-
-
Mute channel 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com