Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 5Page - Texas Instruments TAS5026 Datasheet HTML 6Page - Texas Instruments TAS5026 Datasheet HTML 7Page - Texas Instruments TAS5026 Datasheet HTML 8Page - Texas Instruments TAS5026 Datasheet HTML 9Page - Texas Instruments TAS5026 Datasheet HTML 10Page - Texas Instruments TAS5026 Datasheet HTML 11Page - Texas Instruments TAS5026 Datasheet HTML 12Page - Texas Instruments TAS5026 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Introduction
4
SLES041B—November 2002
TAS5026
1.4
Ordering Information
Texas Instruments
T
AS
Audio Solutions
5026
C
PAG
Device Number
Temperature Range
Package Type
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC 64-PIN TQFP
(PAG)
0
°C to 70°C
TAS5026CPAG
–40
°C to 85°C
TAS5026IPAG
1.5
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD_OSC
64
PWR
Analog power supply for internal oscillator cells
AVDD_PLL
3
PWR
3.3-V analog power supply for PLL
AVSS_OSC
61
AOUT
Analog ground for internal oscillator cells
AVSS_PLL
6
PWR
Analog ground for PLL
CLIP
18
O
Digital clipping indicator, active low
CS0
15
I
I2C device address select. This is an active high pin.
DBSPD
17
I
Sample rate is double speed (88.2 kHz or 96 kHz), active high
DM_SEL1
29
I
De-emphasis select bit 1 (0 = none, 01 = 32 kHz, 10 = 44.1 kHz
DM_SEL2
28
I
De-emphasis select bit 2, 10 = 48 kHz, 11= undefined (none)
DVDD_PWM
45
PWR
3.3-V digital power supply for PWM
DVDD_RCL
48
PWR
3.3-V digital power supply for re-clocker
DVDD
25
PWR
3.3-V digital power supply for digital core and most of I/O buffers
DVSS
60
I
Voltage regulator enable, active low
DVSS_PWM
44
PWR
Digital ground for PWM
DVSS_RCL
47
PWR
Digital ground for re-clocker
DVSS1
8, 26,
31, 32
PWR
Digital ground for digital core and most of I/O buffers
ERR_RCVY
10
I
Error recovery, active low
LRCLK
24
I/O
Serial audio data left / right clock (sampling rate clock) (input when M_S = 0; output when M_S
= 1)
M_S
30
I
Master/slave mode input signal (master = 1, slave = 0)
MCLK_IN
2
I
MCLK input, slave mode
MCLK_OUT
22
O
MCLK output buffered system clock output M_S = 1; otherwise set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com