Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 33 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 29Page - Texas Instruments TAS5026 Datasheet HTML 30Page - Texas Instruments TAS5026 Datasheet HTML 31Page - Texas Instruments TAS5026 Datasheet HTML 32Page - Texas Instruments TAS5026 Datasheet HTML 33Page - Texas Instruments TAS5026 Datasheet HTML 34Page - Texas Instruments TAS5026 Datasheet HTML 35Page - Texas Instruments TAS5026 Datasheet HTML 36Page - Texas Instruments TAS5026 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
System Initialization
28
SLES041B—November 2002
TAS5026
4
System Initialization
Reset is used during system initialization to hold the TAS5026 inactive while power (VDD), the master clock
(MCLK_IN), the device control, and the data signals become stable. The recommended initialization
sequence is to hold RESET low for 24 MCLK_IN cycles after VDD has reached 3 V and the other control
signals (MUTE, PDN, M_S, ERR_RCVRY,,DBSPD, and CS0) are stable.
MCLK
VDD
3 V
24 MCLK_IN
Cycles
RESET
Figure 4–1. RESET During System Initialization
The serial data interface format is then set through the serial data interface control register using the serial
control interface.
At this point the TAS5026 is fully operational. However, the operation of the TAS5026 can be tailored as
desired to meet specific operating requirements by adjusting the following:
•
Automute delay register
•
DC-Offset control registers
•
Interchannel delay registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com