Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 35 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 31Page - Texas Instruments TAS5026 Datasheet HTML 32Page - Texas Instruments TAS5026 Datasheet HTML 33Page - Texas Instruments TAS5026 Datasheet HTML 34Page - Texas Instruments TAS5026 Datasheet HTML 35Page - Texas Instruments TAS5026 Datasheet HTML 36Page - Texas Instruments TAS5026 Datasheet HTML 37Page - Texas Instruments TAS5026 Datasheet HTML 38Page - Texas Instruments TAS5026 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Specifications
30
SLES041B—November 2002
TAS5026
5.3.3
TAS5026/TAS5100 System Performance Measured at the Speaker Terminals
Over Recommended Operating Conditions (Unless Otherwise Noted)
Fs = 48 kHz; Input = 1 Vrms Sine Wave at 1 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR (EIAJ)
A-weighted
93
dB
Dynamic range
A-weighted, -60 dB, f = 1 kHz, 20 Hz–20 kHz
95
dB
Signal to (noise + distortion) ratio
0 dB, 1 kHz, 20 Hz–20 kHz
0.08%
Pad driver power supply rejection ratio
1 kHz
dB
Idle tone rejection
dB
Intermodulation distortion
dB
Frequency response
dB
Crosstalk
dB
Jitter tolerance
ps
PWM modulation index
0.93
5.4
Switching Characteristics
5.4.1
Command Sequence Timing
5.4.1.1
Reset Timing—RESET
CONTROL SIGNAL PARAMETERS OVER RECOMMENDED OPERATING CONDITIONS (UNLESS OTHERWISE NOTED)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw(RESET)
Pulses duration, RESET active
50
ns
tp(VALID_LOW)
Propagation delay
1
µs
tp(VALID_HIGH) Propagation delay
4
5
ms
td(VOLUME)
Delay time
42
ms
tw(RESET)
tp(VALID_HIGH)
RESET
tp(VALID_LOW)
td(VOLUME)
VALID 1–6
VOLUME 1–6
Figure 5–1. RESET Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com