Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 7Page - Texas Instruments TAS5026 Datasheet HTML 8Page - Texas Instruments TAS5026 Datasheet HTML 9Page - Texas Instruments TAS5026 Datasheet HTML 10Page - Texas Instruments TAS5026 Datasheet HTML 11Page - Texas Instruments TAS5026 Datasheet HTML 12Page - Texas Instruments TAS5026 Datasheet HTML 13Page - Texas Instruments TAS5026 Datasheet HTML 14Page - Texas Instruments TAS5026 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Architecture Overview
6
SLES041B—November 2002
TAS5026
2
Architecture Overview
The TAS5026 is composed of six functional elements:
•
Clock, PLL, and serial data interface (IIS)
•
Reset/power down circuitry
•
Serial control interface (IIC)
•
Signal processing unit
•
Pulse width modulator (PWM)
•
Power supply
2.1
Clock and Serial Data Interface
The TAS5026 clock and serial data interface contains an input serial data slave and the clock master/ slave
interface.
The serial data slave interface receives information from a digital source such as a DSP, S/PDIF receiver,
analog-to-digital converter (ADC), digital audio processor (DAP) such as the TAS3103, or other serial bus
master at sample rates of for sample rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,176.4 kHz, and 192
kHz. The serial data interface has three serial data inputs that can accept up to six channels of data. The serial
data interfaces support left justified and right justified for 16-, 20-, and 24-bits. In addition, the serial data
interfaces support the DSP protocol for 16 bits and the I2S protocal for 24 bits. The received data is data
passed to the TAS5026 signal-processing unit.
The TAS5026 can function as a receiver or a generator for the MCLK_IN (master clock), SCLK (shift clock),
and LRCLK (left/right clock) signals that control the flow of data on the three serial data interfaces. The
TAS5026 is a clock master when it generates these clocks and is a clock slave when it receives these clocks.
The TAS5026 is a synchronous design that relies upon master clock to provide a reference clock for all of the
device operations. When operating as a slave, this reference clock is MCLK_IN. When operating as a master,
the reference clock is either TTL clock input to XTAL_IN or a crystal attached across XTAL_IN and XTAL_OUT.
If the master clock stops, the TAS5026 will perform a clock error recovery sequence. The clock error recovery
sequence temporarily suspends processing, places the PWM outputs in a hard mute (PWM_P outputs are
low; PWM_M outputs are high, and all VALID signals are low), resets all internal processes, sets the volumes
to mute, and suspends all I2C operations.
When the master clock is resumed, the TAS5026 exits the clock error recovery sequence by performing a
4.3-ms partial re-initialization, noiselessly restarting the PWM output, and ramping the volume up to the level
specified in the volume control registers. The volume update is performed over a 43-ms. interval. The
TAS5026 preserves all control register settings that were set prior to the clock interruption.
If a clock error occurs while the ERR_RCVRY pin is asserted (LOW), the TAS5026 will perform the error
recovery sequence up to the unmute sequence. In this case, the volume remains at full attenuation with the
PWM output at a 50% duty cycle. The volume can be restored from this state by triggering a mute/unmute
sequence via the mute pin LOW then HIGH.
The clock and serial data interface has two control parameters: data sample rate and clock master or slave.
2.1.1 Normal-Speed, Double-Speed, and Quad-Speed Selection
The sampling rate is selected through a pin (DBSPD) or the serial control register 0 (X02). When a sample
rate is selected, the system automatically performs an error recovery sequence and switches to the new
sampling rate. As shown in subsequent sections, the sample rate control sets the frequencies of the SCLK
and LRCLK in clock slave mode and the output frequencies of SCLK and LRCLK in clock master mode.
During the error recovery sequence, the TAS5026 temporarily suspends processing, places the PWM outputs
in a hard mute (PWM P outputs LOW; PWM M outputs HIGH, and all VALID signals LOW), resets all internal
processes, and suspends all I2C operations. The TAS5026 then performs a 4.3-ms partial re-initialization and
noiselessly restarts the PWM output. The TAS5026 preserves all control register settings through out the error
recovery sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com