Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 13Page - Texas Instruments TAS5026 Datasheet HTML 14Page - Texas Instruments TAS5026 Datasheet HTML 15Page - Texas Instruments TAS5026 Datasheet HTML 16Page - Texas Instruments TAS5026 Datasheet HTML 17Page - Texas Instruments TAS5026 Datasheet HTML 18Page - Texas Instruments TAS5026 Datasheet HTML 19Page - Texas Instruments TAS5026 Datasheet HTML 20Page - Texas Instruments TAS5026 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Architecture Overview
12
SLES041B—November 2002
TAS5026
2-Channel I2S Stereo Input/Output (24-Bit Transfer Word Size)
23
22
SCLK
24 Clks
LRCLK
Left Channel
24-Bit Mode
20
19
8
7
2
1
19
18
20-Bit Mode
16
15
1
0
16-Bit Mode
1
0
15
14
MSB
LSB
4
3
5
21
4
5
17
13
12
11
23
22
SCLK
24 Clks
Right Channel
20
19
8
7
2
1
19
18
16
15
1
0
1
0
15
14
MSB
LSB
4
3
5
21
4
5
17
13
12
11
0
Figure 2–4. I2S 48-Fs Format
2.1.7.2
Left-Justified Timing
Left-justified (LJ) timing uses an LRCLK to define when the data being transmitted is for the left channel and
when it is for the right channel. The LRCLK is high for the left channel and low for the right channel. A bit clock
running at 48 or 64 times Fs is used to clock in the data. The first bit of data appears on the data lines at the
same time the LRCLK toggles. The data is written MSB first and is valid on the rising edge of the bit clock.
The TAS5026 masks unused trailing data bit positions. Master mode only supports a 64 times Fs bit clock.
23
22
SCLK
32 Clks
LRCLK
Left Channel
24-Bit Mode
9
8
5
4
1
0
MSB
LSB
2-Channel Left-Justified Stereo Input
23
22
32 Clks
LRCLK
Right Channel
9
8
5
4
1
0
MSB
LSB
NOTE: All data presented in 2s complement form with MSB first.
Figure 2–5. Left-Justified 64-Fs Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com