Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 18Page - Texas Instruments TAS5026 Datasheet HTML 19Page - Texas Instruments TAS5026 Datasheet HTML 20Page - Texas Instruments TAS5026 Datasheet HTML 21Page - Texas Instruments TAS5026 Datasheet HTML 22Page - Texas Instruments TAS5026 Datasheet HTML 23Page - Texas Instruments TAS5026 Datasheet HTML 24Page - Texas Instruments TAS5026 Datasheet HTML 25Page - Texas Instruments TAS5026 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Architecture Overview
17
SLES041B—November 2002
TAS5026
2.3
Signal Processing
This section contains the signal processing functions that are contained in the TAS5026. The signal
processing is performed using a high-speed 24-bit signal processing architecture. The TAS5026 performs the
following signal processing features:
•
Individual channel soft volume with a range of 24 dB to –114 dB plus mute
•
Soft mute
•
Auto mute
•
50-
µs/15-µs de-emphasis filter supported in the sampling rates 32 kHz, 44.1 kHz, and 48 kHz
2.3.1 Volume Control
The gain of each output can be adjusted by a soft digital volume control for each channel. Volume adjustments
are performed using a soft gain update s-curve, which is approximated using a second order filter fit. The curve
fit is performed over a transition interval between 41 ms and 65 ms.
The volume of each channel can be adjusted from mute to 24 dB to –114 dB in 0.5 dB steps. Because of the
numerical representation that is used to control the volume, at very low volume levels the step size increases
for gains of that are less than –96 dB. The default volume setting following power up or reset is 0 dB for all
channels. The step size increases linearly up to approximately –90 dB, see Figure 2–10.
Attenuation (Gain) – dB
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
STEP SIZE
vs
ATTENUATION (GAIN)
Figure 2–10. Attenuation Curve
The volume control format for each channel is expressed in 8 bits. The volume for each channel is set by writing
8 bits via the serial control interface. The MSB bit is written first as in the bit position 0 (LSB position).
The volume for each channel can be set using a single or multiple address write operation to the volume control
register via the serial control interface. To change the volume of all six channels requires that 6 registers be
updated.
To coordinate the volume adjustment of multiple channels simultaneously, the TAS5026 performs a delayed
volume update upon receiving a volume change command. Following the completion of the register volume
write operations, the TAS5026 waits for 5 ms for another volume command to be given. If no volume command
is issued in that period of time, the TAS5026 starts adjusting the volume of the channels that received volume
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com