Electronic Components Datasheet Search
  English  ▼

X  

TAS5026 Datasheet(PDF) 26 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 22Page - Texas Instruments TAS5026 Datasheet HTML 23Page - Texas Instruments TAS5026 Datasheet HTML 24Page - Texas Instruments TAS5026 Datasheet HTML 25Page - Texas Instruments TAS5026 Datasheet HTML 26Page - Texas Instruments TAS5026 Datasheet HTML 27Page - Texas Instruments TAS5026 Datasheet HTML 28Page - Texas Instruments TAS5026 Datasheet HTML 29Page - Texas Instruments TAS5026 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Architecture Overview
21
SLES041B—November 2002
TAS5026
One Channel
of TAS5026
PWM_AP
PWM_AM
VALID
TAS5110
OUTA
OUTB
AP
AM
RESET
BP
BM
Speaker
Figure 2–12. PWM Outputs and H-Bridge Driven in BTL Configuration
2.5
I2C Serial Control Interface
The TAS5026 has a bidirectional serial control interface that is compatible with the I2C (Inter IC) bus protocol
and supports both 100 KBPS and 400 KBPS data transfer rates for single and multiple byte write and read
operations. This is a slave only device that does not support a multi-master bus environment or wait state
insertion. The control interface is used to program the registers of the device and to read device status.
The TAS5026 supports the standard-mode I2C bus operation (100 kHz maximum) and the fast I2C bus
operation (400 kHz maximum). The TAS5026 performs all I2C operations without I2C wait cycles.
The I2C bus employs two signals; SDA (data) and SCL (clock), to communicate between integrated circuits
in a system. Data is transferred on the bus serially one bit at a time. The address and data are transferred in
byte (8 bit) format with the most significant bit (MSB) transferred first. In addition, each byte transferred on the
bus is acknowledged by the receiving device with an acknowledge bit. Each transfer operation begins with
the master device driving a start condition on the bus and ends with the master device driving a stop condition
on the bus. The bus uses transitions on the data terminal (SDA) while the clock is high to indicate a start and
stop conditions. A high-to-low transition on SDA indicates a start, and a low-to-high transition indicates a stop.
Normal data bit transitions must occur within the low time of the clock period. These conditions are shown in
Figure 2–13. The master generates the 7-bit slave address and the read/write (R/W) bit to open
communication with another device and then waits for an acknowledge condition. The TAS5026 holds SDA
low during acknowledge clock period to indicate an acknowledgement. When this occurs, the master transmits
the next byte of the sequence. Each device is addressed by a unique 7-bit slave address plus R/W bit (1 byte).
All compatible devices share the same signals via a bidirectional bus using a wired-AND connection. I2C An
external pullup resistor must be used for the SDA and SCL signals to set the High level for the bus.
7 Bit Slave Address
R/W
8 Bit Register Address (N)
AA
8 Bit Register Data For
Address (N)
A
8 Bit Register Data For
Address (N)
A
7
6
5
432
1
0
7
6
54
32
1
0
7
6
54
32
1
0
7
6
54
32
1
0
Start
Stop
SDA
SCL
Figure 2–13. Typical I2C Sequence
There are no limits on the number of bytes that can be transmitted between start and stop conditions. When
the last word transfers, the master generates a stop condition to release the bus. A generic data transfer
sequence is also shown in Figure 2–13.
The 7-bit address for the TAS5026 is 001101X, where X is a programmable address bit. Using the CS0
terminal on the device, the LSB address bit is programmable to permit two devices to be used in a system.
These two addresses are licensed I2C addresses and do not conflict with other licensed I2C audio devices.
To communicate with the TAS5026, the I2C master uses 0011010 if CS0=0 and 0011011 if CS0=1. In addition
to the 7-bit device address, an 8-bit register address is used to direct communication to the proper register
location within the device interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com