Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 23Page - National Semiconductor (TI) LMX2471 Datasheet HTML 24Page - National Semiconductor (TI) LMX2471 Datasheet HTML 25Page - National Semiconductor (TI) LMX2471 Datasheet HTML 26Page - National Semiconductor (TI) LMX2471 Datasheet HTML 27Page - National Semiconductor (TI) LMX2471 Datasheet HTML 28Page - National Semiconductor (TI) LMX2471 Datasheet HTML 29Page - National Semiconductor (TI) LMX2471 Datasheet HTML 30Page - National Semiconductor (TI) LMX2471 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Programming Description (Continued)
2.2 R1 REGISTER
REGISTER
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654
3210
DATA[19:0] ( Except for the RF_N Register, which is [22:0] )
C3
C2
C1
C0
R1
RF_PD
1
RF_R[5:0]
RF_FD[11:0]
0001
2.2.1 RF_FD[11:0] -- RF PLL Fractional Denominator
The function of these bits are described in section 2.8.2.
2.2.2 RF_R [5:0] -- RF R Divider Value
The RF R Counter value is determined by this control word. Note that this counter does allow values down to one.
R Value
RF_R[5:0]
1
000001
...
......
63
111111
2.2.3 RF_PD -- RF Power Down Control Bit
When this bit is set to 0, the RF PLL operates normally. When it is set to one, the RF PLL is powered down and the RF Charge
pump is set to a TRI-STATE mode. Because the EN pin and ATPU[1:0] word also controls power down functions, there may be
some conflicts. The order of precedence is as follows. First, if the EN pin is LOW, then the PLL will be powered down. Provided
this is not the case, the PLL will be powered up if the ATPU[1:0] word says to do so, regardless of the state of the RF_PD bit. After
the EN pin and the ATPU[1:0] word are considered, then the RF_PD bit then takes control of the power down function for the RF
PLL.
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com