Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 24Page - National Semiconductor (TI) LMX2471 Datasheet HTML 25Page - National Semiconductor (TI) LMX2471 Datasheet HTML 26Page - National Semiconductor (TI) LMX2471 Datasheet HTML 27Page - National Semiconductor (TI) LMX2471 Datasheet HTML 28Page - National Semiconductor (TI) LMX2471 Datasheet HTML 29Page - National Semiconductor (TI) LMX2471 Datasheet HTML 30Page - National Semiconductor (TI) LMX2471 Datasheet HTML 31Page - National Semiconductor (TI) LMX2471 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Programming Description (Continued)
2.3 R2 REGISTER
REGISTER
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654
3210
DATA[19:0] ( Except for the RF_N Register, which is [22:0] )
C3
C2
C1
C0
R2
IF_PD
IF_P
IF_CPG
IF_N[17:0]
0011
2.3.1 IF_N[16:0] -- IF N Divider Value
The IF N divider is a classical dual modulus prescaler with a selectable 8/9 or 16/17 modulus. The IF_N value is determined by
the IF_A , IF_B, and IF_P values. Note that the IF_P word can assume a value of 8 or 16. The RF_A and RF_B counter values
can be determined in accordance with the following equations.
B = N div P
A = N mod P
B
≥A is required in order to have a legal N divider ratio
Here the div operator is defined as the division of two numbers with the remainder disregarded and the mod operator is defined
as the remainder as a result of this division. For the purposes of programming, it turns out that the register value is just the binary
representation of the N value, with the exception that the 4
th LSB is not used and must be programmed to 0 when the 8/9
prescaler is used.
IF_N Programming with the 8/9 Prescaler
N Value
IF_N[16:0]
IF_B
IF_A
<24
N Values Below 24 are prohibited since IF_B
≥3 is required.
24-55
Legal divide ratios in this range are: 24-27, 32-36, 40-45, 48-54
56
00000000001110000
...
.............
0
...
65535
11111111111110111
RF_N Programming with 16/17 Prescaler
N Value
IF_N[16:0]
IF_B
IF_A
≤47
N values less than or equal to 47 are prohibited because IF_B
≥3 is required.
48-239
Legal divide ratios in this range are: 48-51, 64-68, 80-85, 96-102
240
00000000001110000
...
.................
131071
1111111111111111
2.3.2 IF_CPG -- IF Charge Pump Gain
This bit determines the magnitude of the IF charge pump current
IF_CPG
IF Charge Pump Current (mA)
0
Low (1 mA)
1
High (4 mA)
2.3.3 IF_P -- IF Prescaler Value
This bit selects which prescaler will be used for the IF N counter.
IF_P
IF Prescaler Value
0
8 (8/9 Prescaler)
1
16 (16/17 Prescaler)
2.3.4 IF_PD -- IF Power Down Bit
When this bit is set to 0, the IF PLL operates normally. When it is set to 1, the IF PLL powers down and the output of the IF PLL
charge pump is set to a TRI-STATE mode. If the IF_CPT bit is set to 0, then the power down state is synchronous and will not
occur until the charge pump is off. If the IF_CPT bit is set to 1, then the power down will occur immediately regardless of the state
of the IF PLL charge pump.
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com