Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 28Page - National Semiconductor (TI) LMX2471 Datasheet HTML 29Page - National Semiconductor (TI) LMX2471 Datasheet HTML 30Page - National Semiconductor (TI) LMX2471 Datasheet HTML 31Page - National Semiconductor (TI) LMX2471 Datasheet HTML 32Page - National Semiconductor (TI) LMX2471 Datasheet HTML 33Page - National Semiconductor (TI) LMX2471 Datasheet HTML 34Page - National Semiconductor (TI) LMX2471 Datasheet HTML 35Page - National Semiconductor (TI) LMX2471 Datasheet HTML 36Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Programming Description (Continued)
2.7.5 FM[1:0] -- Fractional Mode
Determines the order of the delta-sigma modulator. Higher order delta-sigma modulators reduce the spur levels closer to the
carrier by pushing this noise to higher frequency offsets from the carrier. In general, the order of the loop filter should be at least
one greater than the order of the delta-sigma modulator in order to allow for sufficient roll-off.
FM
Function
0
Fractional PLL mode with a 4th order delta-sigma modulator
1
Disable the delta-sigma modulator. Recommended for test use only.
2
Fractional PLL mode with a 2nd order delta-sigma modulator
3
Fractional PLL mode with a 3rd order delta-sigma modulator
2.7.6 FDM -- Fractional Denominator Mode
When this bit is set to 0, the part operates with a 12- bit fractional denominator. For most applications, 12-bit mode should be
adequate, but for those applications requiring ultra fine tuning resolution, there is 22-bit mode. Note that the PLL may consume
slightly more current when it is in 22-bit mode.
FDM
Bits for Fractional Denominator/Numerator
Maximum Size of Fractional Denominator/Numerator
0
12-bit
4095
1
22-bit
4194303
2.7.7 IF_CPP -- IF PLL Charge Pump Polarity
When this bit is set to 1, the phase detector polarity for the IF PLL charge pump is positive. Otherwise set this bit to 0 for a
negative phase detector polarity
2.7.8 IF_CPT -- IF PLL Charge Pump TRI-STATE Mode
This bit enables the user to put the charge pump in a TRI-STATE ( high impedance ) condition. Note that if there is a conflict, the
ATPU bit overrides this bit.
RF_CPT
Charge Pump State
0
ACTIVE
1
TRI-STATE
2.7.9 RF_CPP -- RF PLL Charge Pump Polarity
For a positive phase detector polarity, which is normally the case, set this bit to 1. Otherwise set this bit to 0 for a negative phase
detector polarity.
2.7.10 RF_CPT -- RF PLL Charge Pump TRI-STATE Mode
This bit enables the user to put the charge pump in a TRI-STATE ( high impedance) condition. Note that if there is a conflict, the
ATPU bit overrides this bit.
RF_CPT
Charge Pump State
0
Active
1
TRI-STATE
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com