Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 15Page - National Semiconductor (TI) LMX2471 Datasheet HTML 16Page - National Semiconductor (TI) LMX2471 Datasheet HTML 17Page - National Semiconductor (TI) LMX2471 Datasheet HTML 18Page - National Semiconductor (TI) LMX2471 Datasheet HTML 19Page - National Semiconductor (TI) LMX2471 Datasheet HTML 20Page - National Semiconductor (TI) LMX2471 Datasheet HTML 21Page - National Semiconductor (TI) LMX2471 Datasheet HTML 22Page - National Semiconductor (TI) LMX2471 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Functional Description (Continued)
1.4 DIGITAL LOCK DETECT OPERATION
The RF PLL digital lock detect circuitry compares the differ-
ence between the phase of the inputs of the phase detector
to a RC generated delay of 10 nS. To enter the locked state
(Lock = HIGH) the phase error must be less than the 10nS
RC delay for 5 consecutive reference cycles. Once in lock
(Lock = HIGH), the RC delay is changed to approximately
20nS. To exit the locked state (Lock = LOW), the phase error
must become greater than the 20nS RC delay. When the
PLL is in the power down mode, Lock is forced LOW. For the
RF PLL, the digital lock detect circuitry does not function
reliably for comparison frequencies above 20 MHz.
The IF PLL digital lock detect circuitry works in a very similar
way as the RF PLL digitial lock circuitry, except that it uses a
delay of less than 15 nS for 5 reference cycles to determine
a locked condition and a delay of greater than 30 nS to
determine the IF PLL is unlocked. Note that if the MUX[3:0]
word is set such as to view lock detect for both PLLs, an
unlocked (LOW) condition is shown whenever either one of
the PLLs is determined to be out of lock. A flow chart of the
IF digital lock detect circuitry is shown below.
20072104
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com