Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 28Page - National Semiconductor (TI) LMX2471 Datasheet HTML 29Page - National Semiconductor (TI) LMX2471 Datasheet HTML 30Page - National Semiconductor (TI) LMX2471 Datasheet HTML 31Page - National Semiconductor (TI) LMX2471 Datasheet HTML 32Page - National Semiconductor (TI) LMX2471 Datasheet HTML 33Page - National Semiconductor (TI) LMX2471 Datasheet HTML 34Page - National Semiconductor (TI) LMX2471 Datasheet HTML 35Page - National Semiconductor (TI) LMX2471 Datasheet HTML 36Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Programming Description (Continued)
2.9 R8 REGISTER
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3210
DATA[19:0]
C3
C2
C1
C0
R8
0000
DITH
[1:0]
000000
PDCP
[1:0]
0
0
CPUD
[2:0]
0
1111
The R8 Register controls some additional bits that may be useful in optimizing phase noise, lock time, and spurs.
2.9.1 CPUD[2:0] -- Charge Pump User Definition
This bit allows the user to choose from several different modes in the charge pump. The charge pump current is unaffected, but
the fractional spurs and phase noise are impacted by a few dB. In some designs, particularly if the loop bandwidth is wide and
a 4th order delta-sigma engine is used, small spurs may appear at a fraction of where the first fractional spur should appear. In
other designs, these sub-fractional spurs are not present. The user needs to use this adjustment to make these sub-fractional
spurs go away, while still getting the best phase noise possible.
CPUD
Mode Name
Phase Noise
Sub-Fractional Spurs
0
Reserved
N/A
N/A
1
Reserved
N/A
N/A
2
Minimum
Best
Worst
3
Maximum
Worst
Best
4
Reserved
N/A
N/A
5
Reserved
N/A
N/A
6
Reserved
N/A
N/A
7
Nominal
Medium
Medium
2.9.2 PDCP[1:0] -- Power Drive for Charge Pump
If this bit is enabled, the Fastlock current can be doubled during Fastlock. The charge pump current in steady state is unaffected.
States 0 and 1 should never be used.
PDCP
Fastlock Charge Pump Current
0
Reserved
1
Reserved
2
Double Fastlock Current
3
Disabled
2.9.3 DITH[1:0] -- Dithering Control
Dithering is a technique used to spread out the spur energy. Enabling dithering can reduce the main fractional spurs, but can also
give rise to a family of smaller spurs. Whether dithering helps or hurts is application specific. Enabling the dithering may also
increase the phase noise. In most cases where the fractional numerator is zero, dithering usually degrades performance.
Dithering tends to be most beneficial in applications where there is insufficient filtering of the spurs. This often occurs when the
loop bandwidth is very wide or a higher order delta-sigma modulator is used. Dithering tends not to impact the main fractional
spurs much, but has a much larger inpact on the sub-fractional spurs. If it is decided that dithering will be used, best results will
be obtained when the fractional denominator is at least 1000.
DITH
Dithering Mode Used
0
Dithering Enabled
1
Reserved
2
Reserved
3
Dithering Disabled
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com