Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 12Page - National Semiconductor (TI) LMX2471 Datasheet HTML 13Page - National Semiconductor (TI) LMX2471 Datasheet HTML 14Page - National Semiconductor (TI) LMX2471 Datasheet HTML 15Page - National Semiconductor (TI) LMX2471 Datasheet HTML 16Page - National Semiconductor (TI) LMX2471 Datasheet HTML 17Page - National Semiconductor (TI) LMX2471 Datasheet HTML 18Page - National Semiconductor (TI) LMX2471 Datasheet HTML 19Page - National Semiconductor (TI) LMX2471 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Bench Test Setups (Continued)
SENSITIVITY MEASUREMENT PROCEDURE
20072170
Frequency Input Pin
DC Blocking Capacitor
Corresponding Counter
Default Counter Value
MUX Value
OSC
OSCin
1000 pF
RF_R / 2
50
14
0
FinRF
47 pF
RF_N / 2
500
15
X
FinIF
100 pF
IF_N / 2
500
13
X
Sensitivity is defined as the power level limits beyond which
the output of the counter being tested is off by 1 Hz or more
of its expected value. It is typically measured over frequency,
voltage, and temperature. In order to test sensitivity, the
MUX[3:0] word is programmed to the appropriate value. The
counter value is then programmed to a fixed value and a
frequency counter is set to monitor the frequency of this pin.
The expected frequency at the Ftest/LD pin should be the
signal generator frequency divided by twice the correspond-
ing counter value. The factor of two comes in because the
LMX2471 has a flip-flop which divides this frequency by two
to make the duty cycle 50% in order to make it easier to read
with the frequency counter. The frequency counter input
impedance should be set to high impedance. In order to
perform the measurement, the temperature, frequency, and
voltage is set to a fixed value and the power level of the
signal is varied. The power level at the part is assumed to be
4 dB less than the signal generator power level. This ac-
counts for 1 dB for cable losses and 3 dB for the pad. The
power level range where the frequency is correct at the
Ftest/LD pin to within 1 Hz accuracy is recorded for the
sensitivity limits. The temperature, frequency, and voltage
can be varied in order to produce a family of sensitivity
curves. Since this is an open-loop test, the charge pump is
set to TRI-STATE and the unused side of the PLL (RF or IF)
is powered down when not being tested. For this part, there
are actually four frequency input pins, although there is only
one frequency test pin (Ftest/LD). The conditions specific to
each pin are show above. The LMX2471 has a test bit that
may be useful in debugging sensitivity problems at the
FinRF pin. The location of this bit is R6[22] and should
always be set to 0 for normal operation. If this bit is set to 1,
then the sensitivity is degraded. When one suspects a sen-
sitivity problem, try setting this bit to 1 and see what hap-
pens. If the problem is unaffected, it is likely not to be a
sensitivity problem at the FinRF pin.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com