Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 11Page - National Semiconductor (TI) LMX2471 Datasheet HTML 12Page - National Semiconductor (TI) LMX2471 Datasheet HTML 13Page - National Semiconductor (TI) LMX2471 Datasheet HTML 14Page - National Semiconductor (TI) LMX2471 Datasheet HTML 15Page - National Semiconductor (TI) LMX2471 Datasheet HTML 16Page - National Semiconductor (TI) LMX2471 Datasheet HTML 17Page - National Semiconductor (TI) LMX2471 Datasheet HTML 18Page - National Semiconductor (TI) LMX2471 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Bench Test Setups
CHARGE PUMP CURRENT MEASUREMENT PROCEDURE
20072169
The above block diagram shows the test procedure for test-
ing the RF and IF charge pumps. These tests include abso-
lute current level, mismatch, and leakage. In order to mea-
sure the charge pump currents, a signal is applied to the high
frequency input pins. The reason for this is to guarantee that
the phase detector gets enough transitions in order to be
able to change states. If no signal is applied, it is possible
that the charge pump current reading will be low due to the
fact that the duty cycle is not 100%. The OSCin Pin is tied to
the supply. The charge pump currents can be measured by
simply programming the phase detector to the necessary
polarity. For instance, in order to measure the RF charge
pump current, a 10 MHz signal is applied to the FinRF pin.
The source current can be measured by setting the RF PLL
phase detector to a positive polarity, and the sink current can
be measured by setting the phase detector to a negative
polarity. The IF PLL currents can be measured in a similar
way. Note that the magnitude of the RF and IF PLL charge
pump currents are also controlled by the RF_CPG and IF-
_CPG bits. Once the charge pump currents are known, the
mismatch can be calculated as well. In order to measure
leakage currents, the charge pump current is set to a TRI-
STATE mode by enabling the counter reset bits. This is
RF_RST for the RF PLL and IF_RST for the IF PLL. The
table below shows a summary of the various charge pump
tests.
Current Test
RF_CPG
RF_CPP
RF_CPT
IF_CPG
IF_CPP
IF_CPT
RF Source
0 to 15
0
0
X
X
X
RF Sink
0 to 15
1
0
X
X
X
RF TRI-STATE
X
X
1
X
X
X
IF Source
X
X
X
0 to 1
0
0
IF Sink
X
X
X
0 to 1
1
0
IF TRI-STATE
X
X
X
X
X
1
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com