Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 28Page - National Semiconductor (TI) LMX2471 Datasheet HTML 29Page - National Semiconductor (TI) LMX2471 Datasheet HTML 30Page - National Semiconductor (TI) LMX2471 Datasheet HTML 31Page - National Semiconductor (TI) LMX2471 Datasheet HTML 32Page - National Semiconductor (TI) LMX2471 Datasheet HTML 33Page - National Semiconductor (TI) LMX2471 Datasheet HTML 34Page - National Semiconductor (TI) LMX2471 Datasheet HTML 35Page - National Semiconductor (TI) LMX2471 Datasheet HTML 36Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Programming Description (Continued)
2.8 R7 REGISTER
REGISTER
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654
3210
DATA[19:0]
C3
C2
C1
C0
R7
RF_FD2[9:0]
RF_FN2[9:0]
1101
2.8.1 Fractional Numerator Determination { RF_FN2[9:0], RF_FN[11:0], FDM }
In the case that the FDM bit is 0, then the part operates in 12-bit fractional mode, and the RF_FN2 bits become don’t care bits.
When the FDM is set to 1, the part operates in 22-bit mode and the fractional numerator is expanded from 12 to 22-bits.
Fractional
RF_FN2[9:0]
RF_FN[11:0]
Numerator
( These bits only apply in 22- bit mode)
0
In 12- bit mode, these are don’t care.
In 22- bit mode, for N <4096,
these bits should be all set to 0.
000000000000
1
000000000001
...
............
4095
111111111111
4096
0000000001
000000000000
...
..........
............
4194303
1111111111
111111111111
2.8.2 Fractional Denominator Determination { RF_FD2[9:0], RF_FD[11:0], FDM }
In the case that the FDM bit is 0, then the part is operates in the 12-bit fractional mode, and the RF_FD2 bits become don’t care
bits. When the FDM is set to 1, the part operates in 22-bit mode and the fractional denominator is expanded from 12 to 22-bits.
Fractional
RF_FD2[9:0]
RF_FD[11:0]
Denominator
( These bits only apply in 22- bit mode)
0
In 12- bit mode, these are don’t care.
In 22- bit mode, for N <4096,
these bits should be all set to 0.
000000000000
1
000000000001
...
............
4095
111111111111
4096
0000000001
000000000000
...
..........
............
4194303
1111111111
111111111111
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com