Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 7Page - National Semiconductor (TI) LMX2471 Datasheet HTML 8Page - National Semiconductor (TI) LMX2471 Datasheet HTML 9Page - National Semiconductor (TI) LMX2471 Datasheet HTML 10Page - National Semiconductor (TI) LMX2471 Datasheet HTML 11Page - National Semiconductor (TI) LMX2471 Datasheet HTML 12Page - National Semiconductor (TI) LMX2471 Datasheet HTML 13Page - National Semiconductor (TI) LMX2471 Datasheet HTML 14Page - National Semiconductor (TI) LMX2471 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Typical Performance Characteristic : OSCin Input Impedance (Note 6)
20072155
OSCin Input Impedance (V
CC=2.5 V, TA=25 ˚C)
(Note 5)
Frequency (MHz)
Real (Ohms)
Imaginary (Ohms)
Magnitude (Ohms)
50
2200
-4700
5189
10
710
-2700
2792
20
229
-1500
1517
30
133
-988
997
40
93
-752
758
50
74
-606
611
60
62
-505
509
70
53
-435
438
80
49
-382
385
90
45
-341
344
100
42
-309
312
110
40
-282
285
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com