Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 13Page - National Semiconductor (TI) LMX2471 Datasheet HTML 14Page - National Semiconductor (TI) LMX2471 Datasheet HTML 15Page - National Semiconductor (TI) LMX2471 Datasheet HTML 16Page - National Semiconductor (TI) LMX2471 Datasheet HTML 17Page - National Semiconductor (TI) LMX2471 Datasheet HTML 18Page - National Semiconductor (TI) LMX2471 Datasheet HTML 19Page - National Semiconductor (TI) LMX2471 Datasheet HTML 20Page - National Semiconductor (TI) LMX2471 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Bench Test Setups (Continued)
INPUT IMPEDANCE MEASUREMENT PROCEDURE
20072171
The above block diagram shows the test procedure measur-
ing the input impedance for the LMX2471. This applies to the
FinRF, FinIF, and OSCin pins and is measured in a 50 ohm
environment. The basic test procedure is to calibrate the
network analyzer, ensure that the part is powered up, and
then measure the input impedance. The network analyzer
can be calibrated by using either calibration standards or by
soldering resistors directly to the evaluation board. An open
can be implemented by putting no resistor, a short can be
implemented by using a 0 ohm resistor, and a load can be
implemented by using two 100 ohm resistors in parallel.
Note that no DC blocking capacitor is used for this test
procedure. This is done with the PLL removed from the PCB.
This requires the use of a clamp down fixture that may not
always be generally available. If no clamp down fixture is
available, then this procedure can be done by calibrating up
to the point where the DC blocking capacitor usually is, and
then adding a 0 ohm resistor back for the actual measure-
ment. Once that the network analyzer is calibrated, it is
necessary to ensure that the PLL is powered up. This can be
done by toggling the power down bits (RF_PD and IF_PD)
and observing that the current consumption indeed in-
creases when the bit is disabled. Sometimes it may be
necessary to apply a signal to the OSCin pin in order to
program the part. If this is necessary, disconnect the signal
once it is established that the part is powered up. It is useful
to know the input impedance of the PLL for the purposes of
debugging RF problems and designing matching networks.
Another use of knowing this parameter is make the trace
width on the PCB such that the input impedance of this trace
matches the real part of the input impedance of the PLL
frequency of operation. In general, it is good practice to keep
trace lengths short and make designs that are relatively
resistant to variations in the input impedance of the PLL.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com