Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2471 Datasheet HTML 1Page - National Semiconductor (TI) LMX2471 Datasheet HTML 2Page - National Semiconductor (TI) LMX2471 Datasheet HTML 3Page - National Semiconductor (TI) LMX2471 Datasheet HTML 4Page - National Semiconductor (TI) LMX2471 Datasheet HTML 5Page - National Semiconductor (TI) LMX2471 Datasheet HTML 6Page - National Semiconductor (TI) LMX2471 Datasheet HTML 7Page - National Semiconductor (TI) LMX2471 Datasheet HTML 8Page - National Semiconductor (TI) LMX2471 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LMX2471
3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz
Integer-N PLL
General Description
The LMX2471 is a low power, high performance delta-sigma
fractional-N PLL with an auxiliary integer-N PLL. The device
is fabricated using National Semiconductor’s advanced BiC-
MOS process.
With delta-sigma architecture, fractional spur compensation
is achieved with noise shaping capability of the delta-sigma
modulator and the inherent low pass filtering of the PLL loop
filter. Fractional spurs at lower frequencies are pushed to
higher frequencies outside the loop bandwidth. Unlike ana-
log compensation, the digital feedback techniques used in
the LMX2471 are highly resistant to changes in temperature
and variations in wafer processing. With delta-sigma archi-
tecture, the ability to push close in spur and phase noise
energy to higher frequencies is a direct function of the modu-
lator order. The higher the order, the more this energy can be
spread to higher frequencies. The LMX2471 has a program-
mable modulator up to order four, which allows the designer
to select the optimum modulator order to fit the phase noise,
spur, and lock time requirements of the system.
Programming is fast and simple. Serial data is transferred
into the LMX2471 via a three line MICROWIRE interface
(Data, Clock, Load Enable). Nominal supply voltage is 2.5 V.
The LMX2471 features a typical current consumption of 5.6
mA at 2.5 V. The LMX2471 is available in a 24 lead 3.5 X 4.5
X 0.6 mm package.
Features
n
Low in-band phase noise and low fractional spurs
n
12 bit or 22 bit selectable fractional modulus
n
Up to 4th order programmable delta-sigma modulator
n
Enhanced Anti-Cycle Slip Fastlock Circuitry
Fastlock
Cycle slip reduction
Integrated timeout counters
n
Digital lock detect output
n
Prescalers allow wide range of N values
RF PLL: 16/17/20/21
IF PLL: 8/9 or 16/17
n
Crystal Reference Frequency up to 110 MHz
n
On-chip crystal reference frequency doubler.
n
Phase Comparison Frequency up to 50 MHz
n
Hardware and software power-down control
n
Ultra low consumption: I
CC = 5.6 mA (typical)
Applications
n
Cellular Phones and Base Stations
n
Applications requiring fine frequency resolution
n
Satellite and Cable TV Tuners
n
WLAN Standards
Functional Block Diagram
20072101
November 2003
© 2003 National Semiconductor Corporation
DS200721
www.national.com


Similar Part No. - LMX2471

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470 Datasheet
2Mb / 38P
2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
National Semiconductor ...
LMX2470SLEX NSC-LMX2470SLEX Datasheet
453Kb / 36P
2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470SLEX TI1-LMX2470SLEX Datasheet
2Mb / 38P
2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
LMX2470SLEX/NOPB TI1-LMX2470SLEX/NOPB Datasheet
2Mb / 38P
2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
More results

Similar Description - LMX2471

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
8 GHz fractionaL-N PLL
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
8 GHZ FRACTIONAL-N PLL
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
Integer-N/Fractional-N PLL Synthesizer
4/14-Revision 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com