Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 28Page - National Semiconductor (TI) LMX2471 Datasheet HTML 29Page - National Semiconductor (TI) LMX2471 Datasheet HTML 30Page - National Semiconductor (TI) LMX2471 Datasheet HTML 31Page - National Semiconductor (TI) LMX2471 Datasheet HTML 32Page - National Semiconductor (TI) LMX2471 Datasheet HTML 33Page - National Semiconductor (TI) LMX2471 Datasheet HTML 34Page - National Semiconductor (TI) LMX2471 Datasheet HTML 35Page - National Semiconductor (TI) LMX2471 Datasheet HTML 36Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Programming Description (Continued)
2.7 R6 REGISTER
REGISTER 23 22 21 20 19
18
17
16
15
14
13
12
11 10
9
8
7654
3210
DATA[19:0] ( Except for the RF_N Register, which is [22:0] )
C3 C2 C1 C0
R6
00000
RF_
CPT
RF_
CPP
IF_
CPT
IF_
CPP
FDM
FM[1:0]
ATPU
[1:0]
OSC
2X
OSC
MUX
[3:0]
1011
2.7.1 MUX[3:0] Frequency Out & Lock Detect MUX
These bits determine the output state of the Ftest/LD pin.
MUX[3:0]
Output Type
Output Description
0000
High Impedance
Disabled
0001
Push-Pull
General purpose output, Logical “High” State
0010
Push-Pull
General purpose output, Logical “Low” State
0011
Push-Pull
RF & IF Digital Lock Detect
0100
Push-Pull
RF Digital Lock Detect
0101
Push-Pull
IF Digital Lock Detect
0110
Open Drain
RF & IF Analog Lock Detect
0111
Open Drain
RF Analog Lock Detect
1000
Open Drain
IF Analog Lock Detect
1001
Push-Pull
RF & IF Analog Lock Detect
1010
Push-Pull
RF Analog Lock Detect
1011
Push-Pull
IF Analog Lock Detect
1100
Push-Pull
IF R Divider divided by 2
1101
Push-Pull
IF N Divider divided by 2
1110
Push-Pull
RF R Divider divided by 2
1111
Push-Pull
RF N Divider divided by 2
2.7.2 OSC -- Differential Oscillator Mode Enable
This bit selects between single-ended and differential mode for the OSCin and OSCout* pins. When this bit is set to 0, the RF R
and IF R counters are driven in a single-ended fashion through the OSCin pin. Note that the OSCin and OSCout* pin can not be
used to drive a crystal. When this bit is set to 1, the OSCin and OSCout* pins are used to drive these R counters differentially.
In some cases, spur performance may be better when this is set to differential mode, even if the R counters are being driven in
a single-ended fashion. Current consumption in differential mode is slightly higher than when in single-ended mode.
2.7.3 OSC2X -- Oscillator Doubler Enable
When this bit is set to 0, the oscillator doubler is disabled TCXO frequency presented to the IF R counter is unaffected. Phase
noise added by the doulber is negligible.
2.7.4 ATPU -- PLL Automatic Power Up
This word enables the PLLs to be automatically powered up when their respective registers are written to. Note that since the IF
Powerdown bit is in the IF register, there is no need to have an ATPU function activated by the R2 word.
ATPU
RF PLL
IF PLL
0
No auto power up
No auto power up
1
Powers up when R0 is written to
No auto power up
2
Powers up when R0 is written to
Powers up when R0 is written to
3
Reserved
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com