Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX2471 Datasheet HTML 1Page - National Semiconductor (TI) LMX2471 Datasheet HTML 2Page - National Semiconductor (TI) LMX2471 Datasheet HTML 3Page - National Semiconductor (TI) LMX2471 Datasheet HTML 4Page - National Semiconductor (TI) LMX2471 Datasheet HTML 5Page - National Semiconductor (TI) LMX2471 Datasheet HTML 6Page - National Semiconductor (TI) LMX2471 Datasheet HTML 7Page - National Semiconductor (TI) LMX2471 Datasheet HTML 8Page - National Semiconductor (TI) LMX2471 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Absolute Maximum Ratings (Notes 1, 2)
Parameter
Symbol
Value
Units
Min
Typ
Max
Power Supply Voltage
V
CC
-0.3
3.0
V
V
DD
V
CC
V
CC
V
Voltage on any pin with GND =V
SS =0V
V
i
-0.3
V
CC + 0.3
V
Storage Temperature Range
T
s
-65
+150
˚C
Lead Temperature (Solder 4 sec.)
T
L
+260
˚C
Recommended Operating Conditions
Parameter
Symbol
Value
Units
Min
Typ
Max
Power Supply Voltage (Note 1)
V
CC
2.25
2.75
V
V
DD
V
CC
V
CC
V
Operating Temperature
T
A
-40
+85
˚C
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. "Recommended Operating Conditions" indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics. The guaranteed specifications apply only for the test conditions listed. Note also that these maximum ratings imply that the voltage at all the power
supply pins of VccRF, VccIF, VddRF, and VddIF are the same. VCCwill be used to refer to the voltage at these pins.
Note 2: This Device is a high performance RF integrated circuit with an ESD rating < 2 kV and is ESD sensitive. Handling and assembly of this device should only
be done at ESD-free workstations.
Electrical Characteristics (V
CC = 2.5V; -40˚C
≤ T
A
≤ +85˚C unless otherwise specified)
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
Icc PARAMETERS
I
CCRF
Power Supply Current, RF
Synthesizer
IF PLL OFF
RF PLL ON
Charge Pump TRI-STATE
OSC=0
3.6
5.7
mA
I
CCIF
Power Supply Current, IF
Synthesizer
IF PLL ON
RF PLL OFF
Charge Pump TRI-STATE
OSC=0
2.0
2.7
mA
I
CCTOTAL
Power Supply Current,
Entire Synthesizer
IF PLL ON
RF PLL ON
Charge Pump TRI-STATE
OSC=0
5.6
8.5
mA
I
CCPD
Power Down Current
EN = ENOSC = 0V
CLK, DATA, LE = 0V
115
µA
RF SYNTHESIZER PARAMETERS
f
FinRF
Operating Frequency
500
3600
MHz
p
FinRF
Input Sensitivity
-15
0
dBm
f
COMP
Phase Detector Frequency
50
MHz
I
CPoutRFSRCE
RF Charge Pump Source
Current
RF_CPG = 0
V
CPoutRF=VCC /2
100
µA
RF_CPG = 1
V
CPoutRF=VCC/2
200
µA
...
...
µA
RF_CPG = 15
V
CPoutRF=VCC/2
1600
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com