Electronic Components Datasheet Search
  English  ▼

X  

LMX2471 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2471
Description  3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2471 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMX2471 Datasheet HTML 10Page - National Semiconductor (TI) LMX2471 Datasheet HTML 11Page - National Semiconductor (TI) LMX2471 Datasheet HTML 12Page - National Semiconductor (TI) LMX2471 Datasheet HTML 13Page - National Semiconductor (TI) LMX2471 Datasheet HTML 14Page - National Semiconductor (TI) LMX2471 Datasheet HTML 15Page - National Semiconductor (TI) LMX2471 Datasheet HTML 16Page - National Semiconductor (TI) LMX2471 Datasheet HTML 17Page - National Semiconductor (TI) LMX2471 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Typical Performance Characteristics : Currents (Note 6) (Continued)
Charge Pump Leakage
RF PLL
20072164
Charge Pump Leakage
IF PLL
20072163
Note 5: The input impedance of the FinRF, FinIF, and OSCin pins does not change significantly with voltage or temperature. The impedance of the FinRF and FinIF
pins also does not change much when the PLL is powered up or down.
Note 6: Typical performance characteristics do not imply any sort of guarantee. Guaranteed specifications are in the electrical characteristics section.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com