Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 52 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 52 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 48Page - Micrel Semiconductor MIC7401 Datasheet HTML 49Page - Micrel Semiconductor MIC7401 Datasheet HTML 50Page - Micrel Semiconductor MIC7401 Datasheet HTML 51Page - Micrel Semiconductor MIC7401 Datasheet HTML 52Page - Micrel Semiconductor MIC7401 Datasheet HTML 53Page - Micrel Semiconductor MIC7401 Datasheet HTML 54Page - Micrel Semiconductor MIC7401 Datasheet HTML 55Page - Micrel Semiconductor MIC7401 Datasheet HTML 56Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
52
Revision 1.0
Standby Register (03’h)
This register controls standby mode operation. Global stand-by mode can either be enabled by I²C or by changing the
logic state of the STBY input pin. Global stand-by is controlled by the STBY_MODEB bit. When STBY_MODEB [6] = 1
then the regulators output voltages are set to their normal-mode output voltage settings, (05’h – 0A’h) registers. When
STBY_MODEB [6] = 0 then regulators output voltages are set to the standby-mode output voltage settings, (0B’h – 10’h)
registers. If STBY [1-6] register is set to logic “0’, then the output is shut off in standby mode.
The global power-good flag is asserted when an output is disabled unless the power-good mask bit (PGOOD_MASK[x]) is
set to 1.
Table 8. Standby Register
Register Name
STBY_CTRL_REG
Standby Register
Address
0x03’h
Field
bit
R/W
Default
Description
STBY1
0
R/W
1
Regulator 1 Standby Voltage Control
0 = OFF
1 = ON
STBY2
1
R/W
1
Regulator 2 Standby Voltage Control
0 = OFF
1 = ON
STBY3
2
R/W
1
Regulator 3 Standby Voltage Control
0 = OFF
1 = ON
STBY4
3
R/W
1
Regulator 4 Standby Voltage Control
0 = OFF
1 = ON
STBY5
4
R/W
1
Regulator 5 Standby Voltage Control
0 = OFF
1 = ON
STBY6
5
R/W
1
Regulator 6 Standby Voltage Control
0 = OFF
1 = ON
STBY_MODEB
6
R/W
1
Global Standby Control
0 = All regulators in Standby Mode
1 = All regulators in Normal Mode
Reserved
7
R/W
0
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com