Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 67 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 67 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 60Page - Micrel Semiconductor MIC7401 Datasheet HTML 61Page - Micrel Semiconductor MIC7401 Datasheet HTML 62Page - Micrel Semiconductor MIC7401 Datasheet HTML 63Page - Micrel Semiconductor MIC7401 Datasheet HTML 64Page - Micrel Semiconductor MIC7401 Datasheet HTML 65Page - Micrel Semiconductor MIC7401 Datasheet HTML 66Page - Micrel Semiconductor MIC7401 Datasheet HTML 67Page - Micrel Semiconductor MIC7401 Datasheet HTML 68Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
67
Revision 1.0
Table 33. Power-on-Reset Falling Threshold Voltage Setting Register (22’h)
Register Name
PORDN_REG
Power-on-Reset Falling Threshold
Address
0x22’h
Field
bit
R/W
Default
Description
PORDN
4:0
R/W
01101 (2.6V)
See Table 28
PGOOD_MASK4
5
R/W
1
0 = Do Not Mask PGOOD4
1 = Mask PGOOD4
PGOOD_MASK5
6
R/W
1
0 = Do Not Mask PGOOD5
1 = Mask PGOOD5
PGOOD_MASK6
7
R/W
1
0 = Do Not Mask PGOOD6
1 = Mask PGOOD6
Pull-Down when Disabled Register (23’h)
This register is used to set the preference of enabling/disabling a pull-down FET when the DC-to-DC regulators are
disabled. The pull-down value for buck regulators 1
− 5 is 90
Ω. The pull-down current value for the boost regulator 6 is
programmable.
Table 34. Pull-Down when Disabled Register
Register Name
PULLDN1-6_REG
Pull-Down when Disabled Register
Address
0x23’h
Field
bit
R/W
Default
Description
PULLD1
0
R/W
0
Enable/Disable the Pull-Down on Regulator 1 when Power-Down
0 = No Pull Down
1 = Pull-Down
PULLD2
1
R/W
0
Enable/Disable the Pull-Down on Regulator 2 when Power-Down
0 = No Pull-Down
1 = Pull-Down
PULLD3
2
R/W
0
Enable/Disable the Pull-Down on Regulator 3 when Power-Down
0 = No Pull-Down
1 = Pull Down
PULLD4
3
R/W
0
Enable/Disable the Pull-Down on Regulator 4 when Power-Down
0 = No Pull-Down
1 = Pull-Down
PULLD5
4
R/W
0
Enable/Disable the Pull-Down on Regulator 5 when Power-Down
0 = No Pull-Down
1 = Pull-Down
PULLD6C
6:5
R/W
00
Sets Boost Pull-Down Current Level
00 = 148mA
01 = 111mA
10 = 74mA
11 = 37mA
PULLD6
7
R/W
0
Enable/Disable the Pull-Down on Regulator 6 when Power-Down
0 = No Pull-Down
1 = Pull-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com