Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 34 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 34 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 30Page - Micrel Semiconductor MIC7401 Datasheet HTML 31Page - Micrel Semiconductor MIC7401 Datasheet HTML 32Page - Micrel Semiconductor MIC7401 Datasheet HTML 33Page - Micrel Semiconductor MIC7401 Datasheet HTML 34Page - Micrel Semiconductor MIC7401 Datasheet HTML 35Page - Micrel Semiconductor MIC7401 Datasheet HTML 36Page - Micrel Semiconductor MIC7401 Datasheet HTML 37Page - Micrel Semiconductor MIC7401 Datasheet HTML 38Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
34
Revision 1.0
Input Voltage “Hot-Plug”
High-voltage spikes twice the input voltage can appear
on the MIC7401 PVIN pins if a battery pack is hot-
plugged to the input supply voltage connection as shown
in Figure 18 (Trace 1). These spikes are due to the
inductance of the wires to the battery and the very low
inductance and ESR of the ceramic input capacitors. This
problem can be solved by placing a 150µF POS capacitor
across the input terminals. Figure 18 (Trace 2) shows
that the high-voltage spike is greatly reduced to a value
below the maximum allowable input voltage rating.
Figure 18. Hot-Plug Input Voltage Spike
Thermal Measurements
Measuring the IC’s case temperature is recommended to
ensure it is within its operating limits. Although this might
seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large (typically
22 gauge) and behaves like a heatsink, resulting in a
lower case measurement.
Two reliable methods of temperature measurement are a
smaller thermal couple wire or an infrared thermometer. If
a thermal couple wire is used, it must be constructed of
36 gauge wire or higher (smaller wire size) to minimize
the wire heat-sinking effect. In addition, the thermal
couple tip must be covered in either thermal grease or
thermal glue to make sure that the thermal couple
junction is making good contact with the case of the IC.
Omega
brand
thermal
couple
(5SC-TT-K-36-36)
is
adequate for most applications.
Whenever
possible,
an
infrared
thermometer
is
recommended. The measurement spot size of most
infrared thermometers is too large for an accurate
reading on a small form factor ICs. However, an IR
thermometer from Optris has a 1mm spot size, which
makes it a good choice for measuring the hottest point on
the case. An optional stand makes it easy to hold the
beam on the IC for long periods of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com