Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 10Page - Micrel Semiconductor MIC7401 Datasheet HTML 11Page - Micrel Semiconductor MIC7401 Datasheet HTML 12Page - Micrel Semiconductor MIC7401 Datasheet HTML 13Page - Micrel Semiconductor MIC7401 Datasheet HTML 14Page - Micrel Semiconductor MIC7401 Datasheet HTML 15Page - Micrel Semiconductor MIC7401 Datasheet HTML 16Page - Micrel Semiconductor MIC7401 Datasheet HTML 17Page - Micrel Semiconductor MIC7401 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
14
Revision 1.0
Electrical Characteristics
(7) (Continued)
VIN = AVIN = PVIN(1-6) = 5.0V; VOUT1 = 1.8V; VOUT2 = 1.1V; VOUT3 = 1.8V; VOUT4 = 1.05V; VOUT5 = 1.25V; VOUT6 = 12V (refer to the
Evaluation Board Schematic for component values). TA = 25°C, unless otherwise noted. Bold values indicate −
40°C ≤ TJ ≤ +125°C.
Parameter
Conditions
Min.
Typ.
Max.
Unit
I²C Interface
I²C Interface (SCL, SDA)
Low Level Input Voltage
0.4
V
High Level Input Voltage
1.2
V
High Level Input Current
−200
0.01
200
nA
Low Level Input Current
−200
0.01
200
nA
SDA Pull-Down Resistance
20
Ω
SDA Logic 0 Output Voltage
ISDA = 3mA
0.4
V
CLK, DATA Pin Capacitance
0.7
pF
I²C Interface Timing
(10)
SCL Clock Frequency
Standard Mode
100
kHz
Fast Mode
400
High-Speed Mode
(10)
3.4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com