Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 27Page - Micrel Semiconductor MIC7401 Datasheet HTML 28Page - Micrel Semiconductor MIC7401 Datasheet HTML 29Page - Micrel Semiconductor MIC7401 Datasheet HTML 30Page - Micrel Semiconductor MIC7401 Datasheet HTML 31Page - Micrel Semiconductor MIC7401 Datasheet HTML 32Page - Micrel Semiconductor MIC7401 Datasheet HTML 33Page - Micrel Semiconductor MIC7401 Datasheet HTML 34Page - Micrel Semiconductor MIC7401 Datasheet HTML 35Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
31
Revision 1.0
Stand-By Mode
In stand-by mode, efficiency can be improved by lowering
the output voltage to the standby mode value or turning
an output off completely. There are two registers used for
setting the output voltage, normal-mode register and
stand-by mode register. The default power-up voltages
are set in the normal-mode registers.
An I²C write command to the STBY_CTRL_REG register
or the STBY pin can be used to set the MIC7401 into
stand-by mode. Figure 12 shows an I²C write command
implementation. In stand-by mode, the output can be
programmed to a lower voltage or turned completely off.
When disabled, the output will be soft-discharged to zero
if the PULLD[1-6] register are set to 1. If PULLD[x] = 0
the output drifts to PGND at a rate determined by the
load current and output capacitance.
In stand-by, if an output is disabled, the global power
good output is not affected when the PGOOD_MASK[x]
is set to logic 1. If the PGOOD_MASK[x] is set to logic 0,
then the global power good flag is pulled low. In Figure
12, all the PGOOD_MASK[x] bits are set to logic 1.
Figure 12. I
2C Stand-By Mode
Resistive Discharge
To ensure a known output condition in stand-by mode,
the output is actively discharged to ground if the output is
disabled. Setting the buck pull down register field
PULLD[1-
5] = 1 connects a 90Ω pull down resistor from
OUT[x] to PGND[x] when the MIC7401 is disabled. If
PULLD[x] = 0 the output drifts to PGND at a rate
determined
by
the
load
current
and
the
output
capacitance value. The boost has a programmable pull-
down current level from 37mA to 148mA. In Figure 13,
the top trace shows the normal pull down and the bottom
trace is with the 90Ω pull-down.
Figure 13. Output Pull-Down Resistance
STBY Pin
A pin-selectable STBY input allows the MIC7401 to be
placed into standby or normal mode. In standby mode,
the individual regulator can be turned on or off or the
output voltage can be set to a different value.
If the
regulators are turned off, standby mode cuts the
quiescent current by 23µA for each buck regulator and
70µA for the boost.
Figure 14 illustrates the STBY pin operation. A low-to-
high transition on the STBY pin switches the output from
standby mode to normal mode. There is a 100µs STBY
deglitch time to eliminate nuisance tripping then all the
regulators are enabled at the same time and ramp up
with
their
programmed
ramp
rates.
A
high-to-low
transition on the STBY pin switches the output from
normal mode to standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com