Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 28Page - Micrel Semiconductor MIC7401 Datasheet HTML 29Page - Micrel Semiconductor MIC7401 Datasheet HTML 30Page - Micrel Semiconductor MIC7401 Datasheet HTML 31Page - Micrel Semiconductor MIC7401 Datasheet HTML 32Page - Micrel Semiconductor MIC7401 Datasheet HTML 33Page - Micrel Semiconductor MIC7401 Datasheet HTML 34Page - Micrel Semiconductor MIC7401 Datasheet HTML 35Page - Micrel Semiconductor MIC7401 Datasheet HTML 36Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
32
Revision 1.0
Figure 14. STBY-to-NORMAL Transition (DEFAULT)
Safe Start-Up into a Pre-Biased Output
The MIC7401 is designed for safe start-up into a pre-
biased output. This prevents large negative inductor
currents which can cause the output voltage to dip and
excessive output voltage oscillations. A zero crossing
comparator is used to detect a negative inductor current.
If a negative inductor current is detected, the low-side
synchronous MOSFET functions as a diode and is
immediately turned off.
Figure 15 shows a 1V output pre-bias at 0.5V at start-up,
see VOUT4 trace. The inductor current, Trace IL4, is not
allowed to go negative by more than 0.5A before the low-
side switch is turned off. This feature prevents high
negative inductor current flow in a pre-bias condition
which can damage the IC.
Figure 15. Pre-Biased Output Voltage
Buck Regulator Power Dissipation
The
total
power
dissipation
in
a
MIC7401
is
a
combination of the five buck regulators and the boost
dissipation. The buck regulators (OUT1 to OUT5)
dissipation is approximately the switcher’s input power
minus the switcher’s output power and minus the power
loss in the inductor:
PD_BUCK
≈ V
IN × IIN – VOUT × IOUT – PL_LOSS
Eq. 4
While the boost power dissipation is estimated by
Equation 5:
PD_BOOST
≈ V
IN × IIN – VOUT x IOUT – PL_LOSS – Vf ×
IOUT
Eq. 5
Although the maximum output current for a single buck
regulator can be as much as 3A, the MIC7401 will
thermal limit and will not support this high output current
on all outputs at the same time.
Total Power Dissipation
The total power dissipation in the MIC7401 package is
equal to the sum of the power loss of each regulator:
PD_TOTAL
≈ SUM (P
D_SWITCHERS)
Eq. 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com