Electronic Components Datasheet Search
  English  ▼

X  

MIC7401 Datasheet(PDF) 33 Page - Micrel Semiconductor

Part # MIC7401
Description  Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7401 Datasheet(HTML) 33 Page - Micrel Semiconductor

Back Button MIC7401 Datasheet HTML 29Page - Micrel Semiconductor MIC7401 Datasheet HTML 30Page - Micrel Semiconductor MIC7401 Datasheet HTML 31Page - Micrel Semiconductor MIC7401 Datasheet HTML 32Page - Micrel Semiconductor MIC7401 Datasheet HTML 33Page - Micrel Semiconductor MIC7401 Datasheet HTML 34Page - Micrel Semiconductor MIC7401 Datasheet HTML 35Page - Micrel Semiconductor MIC7401 Datasheet HTML 36Page - Micrel Semiconductor MIC7401 Datasheet HTML 37Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
Micrel, Inc.
MIC7401
March 16, 2015
33
Revision 1.0
Once the total power dissipation is calculated, the IC
junction temperature can be estimated using Equation 7:
TJ(MAX)
≈ T
A + PD_TOTAL × θJA
Eq. 7
Where:
TJ(MAX) = The maximum junction temperature
TA = The ambient temperature
θ
JA = The junction-to-ambient thermal resistance of the
package (30°C/W)
Figure 16 shows the measured junction temperature
versus power dissipation of the MIC7401 evaluation
board. The actual junction temperature of the IC depends
upon many factors. The significant factors influencing the
die temperature rise are copper thickness in the PCB, the
surface area available for convection heat transfer, air
flow and power dissipation from other components,
including inductors, SOCs and processor ICs. It is good
engineering practice to measure all power components
temperature during the final design review using a
thermal couple or IR thermometer, see the “Thermal
Measurements” sub-section for details.
Figure 16. Power Dissipation
Power Derating
The MIC7401 package has a 2W power dissipation limit.
To keep the IC junction temperature below a 125
⁰C
design limit, the output power has to be limited above an
ambient temperature of 65
°C. Figure 17 shows the power
dissipation derating curve.
Figure 17. Power Derating Curve
The maximum power dissipation of the package can be
calculated by Equation 8:


−
≈
JA
A
J(MAX)
MAX)
(
D
θ
T
T
P
Eq. 8
Where:
TJ(MAX) = Maximum junction temperature (125°C)
TA = Ambient temperature
θ
JA
= Junction-to-ambient thermal resistance of the
package (30°C/W).
Overtemperature Fault
An overtemperature fault is triggered when the IC
junction temperature reaches 160°C. When this occurs,
both the over temperature fault flag is set to 1, the global
power good output is pulled low and all the outputs are
turned off. During the fault condition the I²C interface
remains active and all registers values are maintained.
When the die temperature decreases by 20°C the
overtemperature fault bit can be cleared. To clear the
fault, either recycle power or write a logic “0” to the over
temperature fault register. Once the fault bit is cleared,
the outputs power up to their default values and are
sequenced according to the time slot settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com